Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62KN502PR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC62KN502PR
Description  Negative Voltage Regulaters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN502PR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC62KN502PR Datasheet HTML 5Page - Torex Semiconductor XC62KN502PR Datasheet HTML 6Page - Torex Semiconductor XC62KN502PR Datasheet HTML 7Page - Torex Semiconductor XC62KN502PR Datasheet HTML 8Page - Torex Semiconductor XC62KN502PR Datasheet HTML 9Page - Torex Semiconductor XC62KN502PR Datasheet HTML 10Page - Torex Semiconductor XC62KN502PR Datasheet HTML 11Page - Torex Semiconductor XC62KN502PR Datasheet HTML 12Page - Torex Semiconductor XC62KN502PR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
531
XC62K
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
2.80
2.95
2.90
2.85
3.00
3.05
3.10
0
20406080
100
Output Current:IOUT(mA)
XC62KN3002(-3.0V)  
VIN=-4.0V
Topr=-30℃
80℃
25℃


Similar Part No. - XC62KN502PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN2101DB TOREX-XC62KN2101DB Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DH TOREX-XC62KN2101DH Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DL TOREX-XC62KN2101DL Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101DR TOREX-XC62KN2101DR Datasheet
1Mb / 17P
   Negative Voltage Regulators
XC62KN2101LB TOREX-XC62KN2101LB Datasheet
1Mb / 17P
   Negative Voltage Regulators
More results

Similar Description - XC62KN502PR

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
   Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com