Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C5V1 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZX84C5V1
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C5V1 Datasheet(HTML) 2 Page - Diodes Incorporated

  BZX84C5V1 Datasheet HTML 1Page - Diodes Incorporated BZX84C5V1 Datasheet HTML 2Page - Diodes Incorporated BZX84C5V1 Datasheet HTML 3Page - Diodes Incorporated BZX84C5V1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS18001 Rev. 25 - 2
2 of 4
BZX84C2V4 - BZX84C39
www.diodes.com
Type
Number
Marking
Code
Zener Voltage
Range
(Note 5)
Maximum Zener
Impedance
(Note 6)
Maximum Reverse
Current
(Note 5)
Typical Temperature
Coefficient
@ IZT
mV/°C
VZ @ IZT
IZT
ZZT @
IZT
ZZK @ IZK
IR
VR
Min
Max
Nom (V) Min (V) Max (V)
(mA)
(W)
(W)
(mA)
(mA)
(V)
BZX84C2V4
KZB
2.4
2.2
2.6
5.0
100
600
1.0
50
1.0
-3.5
0
BZX84C2V7
KZC
2.7
2.5
2.9
5.0
100
600
1.0
20
1.0
-3.5
0
BZX84C3V0
KZD
3.0
2.8
3.2
5.0
95
600
1.0
10
1.0
-3.5
0
BZX84C3V3
KZE
3.3
3.1
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
BZX84C3V6
KZF
3.6
3.4
3.8
5.0
90
600
1.0
5.0
1.0
-3.5
0
BZX84C3V9
KZG
3.9
3.7
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V3
KZH
4.3
4.0
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
BZX84C4V7
KZ1
4.7
4.4
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
BZX84C5V1
KZ2
5.1
4.8
5.4
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
BZX84C5V6
KZ3
5.6
5.2
6.0
5.0
40
400
1.0
1.0
2.0
-2.0
2.5
BZX84C6V2
KZ4
6.2
5.8
6.6
5.0
10
150
1.0
3.0
4.0
0.4
3.7
BZX84C6V8
KZ5
6.8
6.4
7.2
5.0
15
80
1.0
2.0
4.0
1.2
4.5
BZX84C7V5
KZ6
7.5
7.0
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
BZX84C8V2
KZ7
8.2
7.7
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
BZX84C9V1
KZ8
9.1
8.5
9.6
5.0
15
100
1.0
0.5
6.0
3.8
7.0
BZX84C10
KZ9
10
9.4
10.6
5.0
20
150
1.0
0.2
7.0
4.5
8.0
BZX84C11
KY1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12
KY2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13
KY3
13
12.4
14.1
5.0
30
170
1.0
0.1
8.0
7.0
11.0
BZX84C15
KY4
15
13.8
15.6
5.0
30
200
1.0
0.1
10.5
9.2
13.0
BZX84C16
KY5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18
KY6
18
16.8
19.1
5.0
45
225
1.0
0.1
12.6
12.4
16.0
BZX84C20
KY7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22
KY8
22
20.8
23.3
5.0
55
250
1.0
0.1
15.4
16.4
20.0
BZX84C24
KY9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27
KYA
27
25.1
28.9
2.0
80
300
0.5
0.1
18.9
21.4
25.3
BZX84C30
KYB
30
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33
KYC
33
31.0
35.0
2.0
80
325
0.5
0.1
23.1
27.4
33.4
BZX84C36
KYD
36
34.0
38.0
2.0
90
350
0.5
0.1
25.2
30.4
37.4
BZX84C39
KYE
39
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
5. Short duration test pulse used to minimize self-heating effect.
6. f = 1KHz.


Similar Part No. - BZX84C5V1

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
BZX84C5V1 GSME-BZX84C5V1 Datasheet
247Kb / 3P
   SOT-23 SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
BZX84C5V1 VISHAY-BZX84C5V1 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C5V1 BWTECH-BZX84C5V1 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
SHENZHEN YONGERJIA INDU...
BZX84C5V1 WINNERJOIN-BZX84C5V1 Datasheet
435Kb / 5P
   Planar Die Construction.
logo
Central Semiconductor C...
BZX84C5V1 CENTRAL-BZX84C5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results

Similar Description - BZX84C5V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com