Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C2V0 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZT52C2V0
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C2V0 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZT52C2V0 Datasheet HTML 1Page - Diodes Incorporated BZT52C2V0 Datasheet HTML 2Page - Diodes Incorporated BZT52C2V0 Datasheet HTML 3Page - Diodes Incorporated BZT52C2V0 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS18004 Rev. 28 - 2
1 of 4
BZT52C2V0 - BZT52C39
www.diodes.com
ã Diodes Incorporated
·
Planar Die Construction
·
500mW Power Dissipation on Ceramic PCB
·
General Purpose, Medium Current
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 2)
·
Qualified to AEC-Q101 Standards for High Reliability
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
250
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2.
2. No purposefully added lead.
Mechanical Data
BZT52C2V0 - BZT52C39
SURFACE MOUNT ZENER DIODE
·
Case: SOD-123
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe)
·
Polarity: Cathode Band
·
Marking: See Below
·
Weight: 0.01 grams (approximate)
Marking Information
XX
XX = Product Type Marking Code (See Page 2)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W
Features
A
B
C
D
E
G
H
J
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
1.35
E
0.45
0.65
0.55 Typical
G
0.25
H
0.11 Typical
J
0.10
a
0
°
8
°
All Dimensions in mm
SPICE MODELS: BZT52C2V0 BZT52C2V4 BZT52C2V7 BZT52C3V0 BZT52C3V3 BZT52C3V6 BZT52C3V9 BZT52C4V3 BZT52C4V7 BZT52C5V1
BZT52C5V6 BZT52C6V2 BZT52C6V8 BZT52C7V5 BZT52C8V2 BZT52C9V1 BZT52C10 BZT52C11 BZT52C12 BZT52C13 BZT52C15 BZT52C16
BZT52C18 BZT52C20 BZT52C22 BZT52C24 BZT52C27 BZT52C30 BZT52C33 BZT52C36 BZT52C39


Similar Part No. - BZT52C2V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C2V0 DIODES-BZT52C2V0 Datasheet
79Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 21 - 2
logo
Diotec Semiconductor
BZT52C2V0 DIOTEC-BZT52C2V0 Datasheet
143Kb / 2P
   SMD Planar Zener Diodes
logo
Guangdong Kexin Industr...
BZT52C2V0 KEXIN-BZT52C2V0 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Diodes Incorporated
BZT52C2V0 DIODES-BZT52C2V0 Datasheet
228Kb / 5P
   SURFACE MOUNT ZENER DIODE
BZT52C2V0 DIODES-BZT52C2V0 Datasheet
171Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 32 - 2
More results

Similar Description - BZT52C2V0

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com