Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZX84C2V7
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C2V7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZX84C2V7 Datasheet HTML 1Page - Diodes Incorporated BZX84C2V7 Datasheet HTML 2Page - Diodes Incorporated BZX84C2V7 Datasheet HTML 3Page - Diodes Incorporated BZX84C2V7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS18001 Rev. 25 - 2
1 of 4
BZX84C2V4 - BZX84C39
www.diodes.com
ã Diodes Incorporated
BZX84C2V4 - BZX84C39
350mW SURFACE MOUNT ZENER DIODE
Features
·
Planar Die Construction
·
350mW Power Dissipation
·
Zener Voltages from 2.4V - 39V
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 4)
·
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
300
mW
Power Disspation (Note 3)
Pd
350
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
417
°
C/W
Thermal Resistance, Junction to Ambient Air (Note 3)
RqJA
357
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. Valid provided the terminals are kept at ambient temperature.
4. No purposefully added lead.
Maximum Ratings @ TA = 25°C unless otherwise specified
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
All Dimensions in mm
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Polarity: See Diagram
·
Marking: Marking Code & Date Code (See Page 4)
·
Weight: 0.008 grams (approximate)
SPICE MODELS: BZX84C2V4 BZX84C2V7 BZX84C3V0 BZX84C3V3 BZX84C3V6 BZX84C3V9
BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2
BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20
BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39


Similar Part No. - BZX84C2V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
GUANGDONG HOTTECH INDUS...
BZX84C2V7 HOTTECH-BZX84C2V7 Datasheet
289Kb / 3P
   ZENER DIODES
logo
Central Semiconductor C...
BZX84C2V7 CENTRAL-BZX84C2V7 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C2V7 MAKOSEMI-BZX84C2V7 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Weitron Technology
BZX84C2V7 WEITRON-BZX84C2V7 Datasheet
255Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - BZX84C2V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com