Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE7.5A Datasheet(PDF) 6 Page - ON Semiconductor

Part # 1.5KE7.5A
Description  1500 Watt Mosorb Zener Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5KE7.5A Datasheet(HTML) 6 Page - ON Semiconductor

  1.5KE7.5A Datasheet HTML 1Page - ON Semiconductor 1.5KE7.5A Datasheet HTML 2Page - ON Semiconductor 1.5KE7.5A Datasheet HTML 3Page - ON Semiconductor 1.5KE7.5A Datasheet HTML 4Page - ON Semiconductor 1.5KE7.5A Datasheet HTML 5Page - ON Semiconductor 1.5KE7.5A Datasheet HTML 6Page - ON Semiconductor 1.5KE7.5A Datasheet HTML 7Page - ON Semiconductor 1.5KE7.5A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1N6267A Series
http://onsemi.com
6
ambient temperature rises above 25
°C. The average power
derating curve normally given on data sheets may be
normalized and used for this purpose.
At first glance the derating curves of Figure 7 appear to be
in error as the 10 ms pulse has a higher derating factor than
the 10
ms pulse. However, when the derating factor for a
given pulse of Figure 7 is multiplied by the peak power value
of Figure 1 for the same pulse, the results follow the
expected trend.
TYPICAL PROTECTION CIRCUIT
Vin
VL
V
Vin
Vin (TRANSIENT)
VL
td
V
VL
Vin (TRANSIENT)
Zin
LOAD
OVERSHOOT DUE TO
INDUCTIVE EFFECTS
tD = TIME DELAY DUE TO CAPACITIVE EFFECT
t
t
Figure 8.
Figure 9.
UL RECOGNITION*
The
entire
series
has
Underwriters
Laboratory
Recognition for the classification of protectors (QVGV2)
under the UL standard for safety 497B and File #116110.
Many competitors only have one or two devices recognized
or have recognition in a non-protective category. Some
competitors have no recognition at all. With the UL497B
recognition, our parts successfully passed several tests
including Strike Voltage Breakdown test, Endurance
Conditioning,
Temperature
test,
Dielectric
Voltage-
Withstand test, Discharge test and several more.
Whereas, some competitors have only passed a
flammability test for the package material, we have been
recognized for much more to be included in their Protector
category.
*Applies to 1.5KE6.8A, CA thru 1.5KE250A, CA
CLIPPER BIDIRECTIONAL DEVICES
1. Clipper-bidirectional devices are available in the
1.5KEXXA series and are designated with a “CA”
suffix; for example, 1.5KE18CA. Contact your nearest
ON Semiconductor representative.
2. Clipper-bidirectional part numbers are tested in both
directions to electrical parameters in preceding table
(except for VF which does not apply).
3. The 1N6267A through 1N6303A series are JEDEC
registered devices and the registration does not include
a “CA” suffix. To order clipper-bidirectional devices
one must add CA to the 1.5KE device title.


Similar Part No. - 1.5KE7.5A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE7.5A NJSEMI-1.5KE7.5A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
1.5KE7.5A SECOS-1.5KE7.5A Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
New Jersey Semi-Conduct...
1.5KE7.5A NJSEMI-1.5KE7.5A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
1.5KE7.5A SEMITECH-1.5KE7.5A Datasheet
180Kb / 5P
   Fast response time: typically less than 1 ns
logo
Transys Electronics
1.5KE7.5A TRSYS-1.5KE7.5A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE7.5A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com