Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4752VN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4752VN
Description  A.C. motor control circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4752VN Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4752VN Datasheet HTML 1Page - NXP Semiconductors HEF4752VN Datasheet HTML 2Page - NXP Semiconductors HEF4752VN Datasheet HTML 3Page - NXP Semiconductors HEF4752VN Datasheet HTML 4Page - NXP Semiconductors HEF4752VN Datasheet HTML 5Page - NXP Semiconductors HEF4752VN Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC CHARACTERISTICS
VSS =0 V
PARAMETER
VDD
V
SYMBOL
Tamb (°C)
UNIT
CONDITIONS
−40
+ 25
+ 85
MIN. MAX.
MIN.
MAX. MIN. MAX.
Quiescent device current
5
IDD
50
50
375
µA
all valid input combinations;
10
100
100
750
µAV
I =VSS or VDD
Input leakage current
10
± IIN
−−
0,3
1
µAVI = 0 or 10 V
Input voltage HIGH
5
VIH
3,5
3,5
3,5
V
inputs: group I
10
7,0
7,0
7,0
V
Input voltage LOW
5
VIL
1,5
1,5
1,5
V
inputs: group I
10
3,0
3,0
3,0
V
Output voltage HIGH
5
VOH
4,95
4,95
4,95
V
VI =VSS or VDD; IO< 1 µA
10
9,95
9,95
9,95
V
Output voltage LOW
5
VOL
0,05
0,05
0,05
V
VI =VSS or VDD; IO< 1 µA
10
0,05
0,05
0,05
V
Input tripping level;
5
Vti
1,5
4,0
1,5
4,0
1,5
4,0
V
inputs: group II
input voltage increasing
10
3,0
8,0
3,0
8,0
3,0
8,0
V
Input tripping level;
5
Vtd
1,0
3,5
1,0
3,5
1,0
3,5
V
inputs: group II
input voltage decreasing
10
2,0
7,0
2,0
7,0
2,0
7,0
V
Output current LOW
5
IOL
0,45
0,38
0,3
mA
VOL = 0,4 V
outputs: groups I and II
10
1,4
1,17
0,9
mA
VOL = 0,5 V
Output current HIGH
5
−IOH
0,3
0,25
0,2
mA
VOH = 4,6 V
outputs: group I
10
0,9
0,75
0,6
mA
VOH = 9,5 V
Output current HIGH
5
−I
OH
0,9
0,75
0,6
mA
VOH = 2,5 V
outputs: group I
Output current HIGH
5
−IOH
0,6
0,5
0,4
mA
VOH = 4,6 V
outputs: groups II
10
1,8
1,5
1,2
mA
VOH = 9,5 V
Output current HIGH
5
−I
OH
1,8
1,5
1,2
mA
VOH = 2,5 V
outputs: group II
Total supply current
10
Itot
−−
typ. 2
−−−
mA
IOL =IOH = 0; frequency applied to
inputs; FCT = 700 kHz; VCT = 400 kHz;
RCT = 400 kHz


Similar Part No. - HEF4752VN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
More results

Similar Description - HEF4752VN

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
BCD Semiconductor Manuf...
AM6651B BCDSEMI-AM6651B Datasheet
97Kb / 9P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_16 Datasheet
155Kb / 5P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
   Motor Control Circuit
logo
Seaward Electronics Inc...
SE6651 SEAWARD-SE6651 Datasheet
120Kb / 4P
   Motor Control Circuit
logo
Unisonic Technologies
AN6652 UTC-AN6652 Datasheet
111Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6652 PANASONIC-AN6652 Datasheet
33Kb / 2P
   Motor Control Circuit
logo
Wuxi Youda electronics ...
YD6651B YOUDA-YD6651B Datasheet
84Kb / 3P
   MOTOR CONTROL CIRCUIT
YD6652 YOUDA-YD6652 Datasheet
129Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_15 Datasheet
115Kb / 3P
   MOTOR CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com