Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI9P0201-9 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI9P0201-9
Description  Dual/Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P0201-9 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI9P0201-9 Datasheet HTML 2Page - Intersil Corporation HI9P0201-9 Datasheet HTML 3Page - Intersil Corporation HI9P0201-9 Datasheet HTML 4Page - Intersil Corporation HI9P0201-9 Datasheet HTML 5Page - Intersil Corporation HI9P0201-9 Datasheet HTML 6Page - Intersil Corporation HI9P0201-9 Datasheet HTML 7Page - Intersil Corporation HI9P0201-9 Datasheet HTML 8Page - Intersil Corporation HI9P0201-9 Datasheet HTML 9Page - Intersil Corporation HI9P0201-9 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN3121.8
April 6, 2005
Die Characteristics
METALLIZATION:
Type: CuAl
Thickness: 16k
Å ±2kÅ
PASSIVATION:
Type: Nitride over Silox
Nitride Thickness: 3.5k
Å ±1kÅ
Silox Thickness: 12k
Å ±2kÅ
WORST CASE CURRENT DENSITY:
2 x 105 A/cm2 at 25mA
Metallization Mask Layout
HI-200
V-
VREF
IN 1
OUT 1
4
5
6
7
8
3
GND
A2
A1
V+
9
10
1
2
IN 2
OUT 2
HI-200, HI-201


Similar Part No. - HI9P0201-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P0201-9 INTERSIL-HI9P0201-9 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Renesas Technology Corp
HI9P0201-9Z RENESAS-HI9P0201-9Z Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results

Similar Description - HI9P0201-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com