Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC858C
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC858C Datasheet(HTML) 2 Page - Diodes Incorporated

  BC858C Datasheet HTML 1Page - Diodes Incorporated BC858C Datasheet HTML 2Page - Diodes Incorporated BC858C Datasheet HTML 3Page - Diodes Incorporated BC858C Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS11207 Rev. 18 - 2
2 of 4
www.diodes.com
BC856A-BC858C
© Diodes Incorporated
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage (Note 4)
BC856
BC857
BC858
V(BR)CBO
-80
-50
-30
V
IC = 10μA, IB = 0
B
Collector-Emitter Breakdown Voltage (Note 4)
BC856
BC857
BC858
V(BR)CEO
-65
-45
-30
V
IC = 10mA, IB = 0
B
Emitter-Base Breakdown Voltage (Note 4)
V(BR)EBO
-5
V
IE = 1μA, IC = 0
H-Parameters
Small Signal Current Gain
Current Gain Group A
B
C
Input Impedance
Current Gain Group A
B
C
Output Admittance
Current Gain Group A
B
C
Reverse Voltage Transfer Ratio
Current Gain Group A
B
C
hfe
hfe
hfe
hie
hie
hie
hoe
hoe
hoe
hre
hre
hre
200
330
600
2.7
4.5
8.7
18
30
60
1.5x10
-4
2x10
-4
3x10
-4
k
Ω
k
Ω
k
Ω
µS
µS
µS
VCE = -5.0V, IC = -2.0mA,
f = 1.0kHz
DC Current Gain (Note 4)
Current Gain Group A
B
C
hFE
125
220
420
180
290
520
250
475
800
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage (Note 4)
VCE(SAT)
-75
-250
-300
-650
mV
IC = -10mA, IB = -0.5mA
B
IC = -100mA, IB
B
= -5.0mA
Base-Emitter Saturation Voltage (Note 4)
VBE(SAT)
-700
-850
mV
IC = -10mA, IB = -0.5mA
B
IC = -100mA, IB
B
= -5.0mA
Base-Emitter Voltage (Note 4)
VBE(ON)
-600
-650
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current (Note 4)
BC856
BC857
BC858
ICES
ICES
ICES
ICBO
ICBO
-15
-15
-15
-15
-4.0
nA
nA
nA
nA
µA
VCE = -80V
VCE = -50V
VCE = -30V
VCB = -30V
VCB = -30V, TA = 150°C
Gain Bandwidth Product
fT
100
200
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
3
pF
VCB = -10V, f = 1.0MHz
Noise Figure
NF
2
10
dB
VCE = -5.0V, IC = 200µA,
RS = 2kΩ, f = 1kHz, Δf = 200Hz
Notes:
4.
Short duration pulse test used to minimize self-heating effect.


Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Diotec Semiconductor
BC858C DIOTEC-BC858C Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Galaxy Semi-Conductor H...
BC858C BILIN-BC858C Datasheet
202Kb / 4P
   NPN general purpose Transistor
logo
Central Semiconductor C...
BC858C CENTRAL-BC858C Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BC858C SIEMENS-BC858C Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results

Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
MMBT4126 DIODES-MMBT4126_15 Datasheet
118Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST3906 DIODES-MMST3906_15 Datasheet
134Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBT2907AT BILIN-MMBT2907AT Datasheet
161Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com