Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1117T33G-U Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1117T33G-U
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117T33G-U Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1117T33G-U Datasheet HTML 3Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 4Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 5Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 6Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 7Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 8Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 9Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 10Page - Diodes Incorporated AP1117T33G-U Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 6
8 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(Continued)
(5) TO220-3L
(Top view)
Lead Free
17 - VV
Logo
ID Code
Year:
"02 " = 2002
"01 " = 2001
X X WW X X
L:
Xth Week: 01~ 52
Part Number
1117 for ADJ
17-VV : 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5.0V
Package Information
(All Dimensions in mm)
(1) SOT223-3L
1.50/2.00
Nom 2.00
6.30/6.70 Nom 6.50
2.90 3.15 Ref.
4.6 Basic
13°
0.60/0.70
Nom 0.80
0.91/1.10
Nom 1.00 Seating Plane
3.3
2.3
1.2
Land Pattern Recommendation (Unit: mm)
2.3 Basic
13°
3.30/3.70
Nom 3.50
0.28/0.32
Nom 0.30


Similar Part No. - AP1117T33G-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117T33 ANACHIP-AP1117T33 Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117T33A ANACHIP-AP1117T33A Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117T33L ANACHIP-AP1117T33L Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117T33LA ANACHIP-AP1117T33LA Datasheet
211Kb / 11P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1117T33G-U

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com