Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEC4750VDF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HEC4750VDF
Description  Frequency synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEC4750VDF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEC4750VDF Datasheet HTML 5Page - NXP Semiconductors HEC4750VDF Datasheet HTML 6Page - NXP Semiconductors HEC4750VDF Datasheet HTML 7Page - NXP Semiconductors HEC4750VDF Datasheet HTML 8Page - NXP Semiconductors HEC4750VDF Datasheet HTML 9Page - NXP Semiconductors HEC4750VDF Datasheet HTML 10Page - NXP Semiconductors HEC4750VDF Datasheet HTML 11Page - NXP Semiconductors HEC4750VDF Datasheet HTML 12Page - NXP Semiconductors HEC4750VDF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
January 1995
9
Philips Semiconductors
Product specification
Frequency synthesizer
HEF4750V
LSI
DC CHARACTERISTICS
at VDD = 10 V ± 5%; voltages are referenced to VSS = 0 V, unless otherwise specified; for definitions see note 1.
PARAMETER
SYMBOL
Tamb (°C
UNIT
NOTES
−40
+ 25
+ 85
MIN. TYP. MAX. MIN. TYP. MAX. MIN. TYP. MAX.
Quiescent device
current
IDD
−−
100
−−
100
−−
750
µA2
Input current; logic
inputs, MOD
± IIN
−−
300
−−
300
−−
1000 nA
3
Output leakage current
at 1
2 VDD
3,4
TCA, hold-state
± I
Z
−−
20
0,05
20
−−
60 nA
TCC, analogue
switch OFF
± IZ
−−
20
0,05
20
−−
60 nA
PC2, high impedance
OFF-state
± I
Z
−−
50
−−
50
−−
500 nA
Logic input voltage
LOW
VIL
 max. 0,3 VDD 
V
HIGH
VIH
 max. 0,7 VDD 
V
Logic output voltage
LOW; at
I
O< 1 µAVOL
−−
50
−−
50
−−
50 mV
3
HIGH
VOH
 min. VDD − 50 mV 
mV
3
Logic output current
LOW; at VOL = 0,5 V
3
outputs OL, PC2,
OUT
IOL
5,5
−−
4,6
−−
3,6
−−
mA
output XTAL
IOL
2,8
−−
2,4
−−
1,9
−−
mA
Logic output current
HIGH;
at VOH =VDD − 0,5 V
3
outputs OL, PC2,OUT
−IOH
1,5
−−
1,3
−−
1,0
−−
mA
output XTAL
−I
OH
1,4
−−
1,2
−−
0,9
−−
mA
Output TCC sink
current
IO
−−
2,1
−−
mA
3,4,5
Output TCC source
current
−I
O
−−
1,9
−−
mA
3,4,6
Internal resistance
of TCC
output swing
≤ 200 mV
specified output range:
0,3 VDD to 0,7 VDD
Ri
−−
0,7
−−
k
3,4


Similar Part No. - HEC4750VDF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEC4001 PHILIPS-HEC4001 Datasheet
29Kb / 3P
   Quadruple 2-input NOR gate
January 1995
HEC4013BT PHILIPS-HEC4013BT Datasheet
79Kb / 7P
   Dual D-type flip-flop
January 1995
HEC4013BT,118 NXP-HEC4013BT,118 Datasheet
128Kb / 17P
   Tolerant of slow clock rise and fall times
Rev. 8-21 November 2011
HEC4025BD PHILIPS-HEC4025BD Datasheet
25Kb / 3P
   Triple 3-input NOR gate
January 1995
HEC4025BDF PHILIPS-HEC4025BDF Datasheet
25Kb / 3P
   Triple 3-input NOR gate
January 1995
More results

Similar Description - HEC4750VDF

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com