Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP432AQG-A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP432AQG-A
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP432AQG-A Datasheet(HTML) 5 Page - Diodes Incorporated

  AP432AQG-A Datasheet HTML 1Page - Diodes Incorporated AP432AQG-A Datasheet HTML 2Page - Diodes Incorporated AP432AQG-A Datasheet HTML 3Page - Diodes Incorporated AP432AQG-A Datasheet HTML 4Page - Diodes Incorporated AP432AQG-A Datasheet HTML 5Page - Diodes Incorporated AP432AQG-A Datasheet HTML 6Page - Diodes Incorporated AP432AQG-A Datasheet HTML 7Page - Diodes Incorporated AP432AQG-A Datasheet HTML 8Page - Diodes Incorporated AP432AQG-A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AP432/AP432A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
5 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( TA = 25
oC, V+ = +5.0V, unless otherwise stated )
Parameter
Test conditions
Symbol
Min.
Typ.
Max.
Unit
AP432
1.227
1.252
Reference Voltage
VKA = Vref,
I KA = 10mA (Fig.1)
AP432A
VREF
1.233
1.24
1.246
V
Deviation of Reference Input Voltage over
Temperature (Note 8)
VKA = VREF , IKA = 10mA ,
Ta = full range
(Fig.1)
VREF
3.0
20
mV
Ratio of the Change in Reference Voltage to
the Change in Cathode Voltage
IKA = 10mA
(Fig.2)
VKA = 20 ~VREF
KA
REF
V
V
-1.4
-2.0
mV/V
Reference Input Current
R1 = 10KΩ,R2 = ∞
IKA= 10mA (Fig.2)
IREF
1.4
3.5
µA
Deviation of Reference Input Current over
Temperature
R1 = 10KΩ,R2 = ∞
IKA = 10mA
Ta = Full range (Fig.2)
αIREF
0.4
1.2
µA
Minimum Cathode Current for Regulation
VKA = VREF (Fig.1)
IKA(min)
0.15
0.3
mA
Off-state Current
VKA = 20V , VREF = 0V (Fig.3)
IKA(off)
0.1
1.0
µA
Dynamic Output Impedance (Note 9)
V KA = VREF
Frequency
1KHz (Fig.1)
KA
Z
0.2
0.5
VMAX
VMIN
TI
T2
Temperature
VDEV = VMAX - VMIN
Note: 8. Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference over the full temperature
range. The average temperature coefficient of the reference input voltage
αVREF is defined as:
1
2
6
REF
DEV
REF
T
T
10
)
C)
(25
V
V
(
V
°
=
α
……………………..……………….. (
)
C
ppm
°
Where:
T2 – T1 = full temperature change.
αVREF can be positive or negative depending on whether the slope is positive or negative.
Note: 9. The dynamic output impedance, RZ, is defined as:
KA
KA
KA
I
V
Z
=
When the device is programmed with two external resistors R1 and R2 (see Figure 2.), the dynamic output impedance of the overall
circuit, is defined as:
)
R2
R1
(1
Z
i
v
Z
KA
'
KA
+
=


Similar Part No. - AP432AQG-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432AQ ANACHIP-AP432AQ Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AQ ANACHIP-AP432AQ Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AQA ANACHIP-AP432AQA Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AQA ANACHIP-AP432AQA Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AQL ANACHIP-AP432AQL Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AP432AQG-A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com