Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3318CD Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3318CD
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CD Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3318CD Datasheet HTML 2Page - Intersil Corporation CA3318CD Datasheet HTML 3Page - Intersil Corporation CA3318CD Datasheet HTML 4Page - Intersil Corporation CA3318CD Datasheet HTML 5Page - Intersil Corporation CA3318CD Datasheet HTML 6Page - Intersil Corporation CA3318CD Datasheet HTML 7Page - Intersil Corporation CA3318CD Datasheet HTML 8Page - Intersil Corporation CA3318CD Datasheet HTML 9Page - Intersil Corporation CA3318CD Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Performance Curves
FIGURE 4. DEVICE CURRENT vs SAMPLE FREQUENCY
FIGURE 5. DEVICE CURRENT vs TEMPERATURE
FIGURE 6. ENOB vs TEMPERATURE
FIGURE 7. NON-LINEARITY vs TEMPERATURE
FIGURE 8. NON-LINEARITY vs SAMPLE FREQUENCY
FIGURE 9. NON-LINEARITY vs REFERENCE VOLTAGE
fS (MHz)
0
40
35
30
25
20
15
10
30
20
10
TEMPERATURE (oC)
-50
28
27
26
25
24
23
100
50
0
-25
25
75
TEMPERATURE (oC)
30
8.0
90
70
50
40
60
80
20
10
0
-10
-20
-30
-40
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
fS = 15MHz, fI = 1MHz
TEMPERATURE (oC)
30
1.00
90
70
50
40
60
80
20
10
0
-10
-20
-30
-40
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
INL
DNL
fS = 15MHz
fS (MHz)
1.20
25
15
5
10
20
0
1.08
0.96
0.84
0.72
0.60
0.48
0.36
0.24
0.12
0
INL
DNL
VREF (V)
1
1.00
7
5
3
24
6
0
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
INL
DNL
fS = 15MHz
CA3318


Similar Part No. - CA3318CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318CD INTERSIL-CA3318CD Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
More results

Similar Description - CA3318CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Hitachi Semiconductor
HA19510 HITACHI-HA19510 Datasheet
286Kb / 7P
   HIGH- SPEED, LOW-POWER 8-BIT FLASH D/A CONVERTER
HA19211BP HITACHI-HA19211BP Datasheet
375Kb / 11P
   HIGH SPEED LOW POWER 8 BIT A/D FLASH CONVERTER
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com