Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-674AKD-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1-674AKD-5
Description  Complete, 12-Bit A/D Converters with Microprocessor Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-674AKD-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HI1-674AKD-5 Datasheet HTML 1Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 2Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 3Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 4Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 5Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 6Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 7Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 8Page - Intersil Corporation HI1-674AKD-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Linearity Error
25oC
±1
±1/2
LSB
-55oCto 125oC(Max)
±1
±1LSB
Max Resolution For Which No Missing Codes Is Guaranteed
25oC
12
12
Bits
TMIN to TMAX
11
12
Bits
Unipolar Offset (Max)
Adjustable to Zero
±2
±1.5
LSB
Bipolar Offset (Max)
VIN = 0V (Adjustable to Zero)
±4
±4LSB
VIN =-10V
±0.15
±0.1
% of FS
Full Scale Calibration Error
25oC(Max), With Fixed 50
Ω Resistor From REF OUT To REF IN
(Adjustable To Zero)
±0.25
±0.25
% of FS
TMIN to TMAX (No Adjustment At 25
oC)
±0.75
±0.50
% of FS
TMIN to TMAX (With Adjustment To Zero At 25
oC)
±0.50
±0.25
% of FS
Temperature Coefficients
Guaranteed Max Change, TMIN to TMAX (Using Internal Reference)
Unipolar Offset
±2
±1LSB
Bipolar Offset
±2
±2LSB
Full Scale Calibration
±20
±10
LSB
Power Supply Rejection Max Change In Full Scale Calibration
+13.5V < VCC < +16.5V or +11.4V < VCC <+12.6V
±2
±1LSB
+4.5V < VLOGIC < +5.5V
±1/2
±1/2
LSB
-16.5V < VEE < -13.5V or -12.6V < VEE <-11.4V
±2
±1LSB
ANALOG INPUTS
Input Ranges
Bipolar
-5 to +5 (Note 3)
V
-10to+10 (Note4)
V
Unipolar
0to+10 (Note 3)
V
0to+20 (Note 4)
V
Input Impedance
10V Span
5K,
±25%
20V Span
10K,
±25%
POWER SUPPLIES
Operating Voltage Range
VLOGIC
+4.5 to +5.5
V
VCC
+11.4to+16.5
V
VEE
-11.4to-16.5
V
DC and Transfer Accuracy SpecificationsTypical at 25oCwith VCC = +15V or +12V, VLOGIC =+5V,VEE =-15V or -12V,
Unless Otherwise Specified (Continued)
PARAMETER
TEMPERATURE RANGE
-2 (-55oCto 125oC)
S SUFFIX
T SUFFIX
UNITS
HI-574A, HI-674A


Similar Part No. - HI1-674AKD-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-674AKD-5 INTERSIL-HI1-674AKD-5 Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
HI1-674AKD-5 INTERSIL-HI1-674AKD-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI1-674AKD-5 RENESAS-HI1-674AKD-5 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
More results

Similar Description - HI1-674AKD-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A Datasheet
200Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 1997
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com