Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP34063N8L-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP34063N8L-13
Description  UNIVERSAL DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063N8L-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP34063N8L-13 Datasheet HTML 1Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 2Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 3Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 4Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 5Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 6Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 7Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 8Page - Diodes Incorporated AP34063N8L-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
2 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
(1) PDIP-8L
(2) SOP-8L
1
2
3
4
8
7
6
5
VCC
Comparator
Inverting
Input
Driver
Collector
I pk
Sense
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Top View)
1
2
3
4
8
7
6
5
VCC
Comparator
Inverting
Input
Driver
Collector
I pk
Sense
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Top View)
Maximum Ratings
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VIR
-0.3 ~ +40
V
Switch Collector Voltage
VC (switch)
40
V
Switch Emitter Voltage (VPin 1 = 40V)
VE (switch)
40
V
Switch Collector to Emitter Voltage
VCE (switch)
40
V
Driver Collector Voltage
VC (driver)
40
V
Driver Collector Current
IC (driver)
100
mA
Switch Current
ISW
1.6
A
SOP: TA = 25°C
PD
600
mW
PDIP: TA = 25°C
PD
1.25
W
Power Dissipation
and Thermal
Characteristics
Thermal Resistance
θ
JA
160
°C/W
Maximum Junction Temperature
TMJ
+150
°C
Operating Junction Temperature Range
TOP
0 ~ +105
°C
Storage Temperature Range
Tstg
-65 ~ +150
°C
Note:
4. Maximum package power dissipation limits must be observed.
5. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
Pin Assignment


Similar Part No. - AP34063N8L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP34063N8L-U DIODES-AP34063N8L-U Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
More results

Similar Description - AP34063N8L-13

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
   UNIVERSAL DC/DC CONVERTER
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
   Universal DC To DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com