Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3128B Datasheet(PDF) 7 Page - Intersil Corporation

Part # HFA3128B
Description  Ultra High Frequency Transistor Arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3128B Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HFA3128B Datasheet HTML 3Page - Intersil Corporation HFA3128B Datasheet HTML 4Page - Intersil Corporation HFA3128B Datasheet HTML 5Page - Intersil Corporation HFA3128B Datasheet HTML 6Page - Intersil Corporation HFA3128B Datasheet HTML 7Page - Intersil Corporation HFA3128B Datasheet HTML 8Page - Intersil Corporation HFA3128B Datasheet HTML 9Page - Intersil Corporation HFA3128B Datasheet HTML 10Page - Intersil Corporation HFA3128B Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN3076.13
December 21, 2005
6.0E+08
0.47
-75.83
6.14
123.55
6.07E-02
37.66
0.61
-42.10
7.0E+08
0.43
-83.18
5.53
118.98
6.37E-02
33.79
0.55
-44.47
8.0E+08
0.40
-89.60
5.01
115.17
6.60E-02
30.67
0.51
-46.15
9.0E+08
0.38
-95.26
4.56
111.94
6.77E-02
28.14
0.47
-47.33
1.0E+09
0.36
-100.29
4.18
109.17
6.91E-02
26.06
0.44
-48.15
1.1E+09
0.34
-104.80
3.86
106.76
7.01E-02
24.33
0.41
-48.69
1.2E+09
0.33
-108.86
3.58
104.63
7.09E-02
22.89
0.39
-49.05
1.3E+09
0.32
-112.53
3.33
102.72
7.16E-02
21.67
0.37
-49.26
1.4E+09
0.30
-115.86
3.12
101.01
7.22E-02
20.64
0.36
-49.38
1.5E+09
0.30
-118.90
2.92
99.44
7.27E-02
19.76
0.34
-49.43
1.6E+09
0.29
-121.69
2.75
98.01
7.32E-02
19.00
0.33
-49.44
1.7E+09
0.28
-124.24
2.60
96.68
7.35E-02
18.35
0.32
-49.43
1.8E+09
0.28
-126.59
2.47
95.44
7.39E-02
17.79
0.31
-49.40
1.9E+09
0.27
-128.76
2.34
94.29
7.42E-02
17.30
0.30
-49.38
2.0E+09
0.27
-130.77
2.23
93.19
7.45E-02
16.88
0.30
-49.36
2.1E+09
0.26
-132.63
2.13
92.16
7.47E-02
16.52
0.29
-49.35
2.2E+09
0.26
-134.35
2.04
91.18
7.50E-02
16.20
0.28
-49.35
2.3E+09
0.26
-135.96
1.95
90.24
7.52E-02
15.92
0.28
-49.38
2.4E+09
0.25
-137.46
1.87
89.34
7.55E-02
15.68
0.28
-49.42
2.5E+09
0.25
-138.86
1.80
88.48
7.57E-02
15.48
0.27
-49.49
2.6E+09
0.25
-140.17
1.73
87.65
7.59E-02
15.30
0.27
-49.56
2.7E+09
0.25
-141.39
1.67
86.85
7.61E-02
15.15
0.26
-49.67
2.8E+09
0.25
-142.54
1.61
86.07
7.63E-02
15.01
0.26
-49.81
2.9E+09
0.24
-143.62
1.56
85.31
7.65E-02
14.90
0.26
-49.96
3.0E+09
0.24
-144.64
1.51
84.58
7.67E-02
14.81
0.26
-50.13
VCE = -5V, IC = -10mA
1.0E+08
0.58
-23.24
13.03
163.45
1.43E-02
73.38
0.93
-13.46
2.0E+08
0.53
-44.07
11.75
149.11
2.58E-02
60.43
0.85
-24.76
3.0E+08
0.48
-61.50
10.25
137.78
3.38E-02
50.16
0.74
-33.10
4.0E+08
0.43
-75.73
8.88
129.12
3.90E-02
42.49
0.65
-38.83
5.0E+08
0.40
-87.36
7.72
122.49
4.25E-02
36.81
0.58
-42.63
6.0E+08
0.37
-96.94
6.78
117.33
4.48E-02
32.59
0.51
-45.07
7.0E+08
0.35
-104.92
6.01
113.22
4.64E-02
29.39
0.47
-46.60
8.0E+08
0.33
-111.64
5.39
109.85
4.76E-02
26.94
0.43
-47.49
9.0E+08
0.32
-117.36
4.87
107.05
4.85E-02
25.04
0.40
-47.97
1.0E+09
0.31
-122.27
4.44
104.66
4.92E-02
23.55
0.37
-48.18
1.1E+09
0.30
-126.51
4.07
102.59
4.97E-02
22.37
0.35
-48.20
1.2E+09
0.30
-130.21
3.76
100.76
5.02E-02
21.44
0.33
-48.11
Common Emitter S-Parameters of PNP 3
µm x 50µm Transistor (Continued)
FREQ. (Hz)
|S11|
PHASE(S11)|S21|
PHASE(S21)|S12|
PHASE(S12)|S22|PHASE(S22)
HFA3046, HFA3096, HFA3127, HFA3128


Similar Part No. - HFA3128B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3128B INTERSIL-HFA3128B Datasheet
57Kb / 9P
   Ultra High Frequency Transistor Arrays
October 1998
logo
Renesas Technology Corp
HFA3128BZ RENESAS-HFA3128BZ Datasheet
699Kb / 14P
   Ultra High Frequency Transistor Arrays
HFA3128BZ RENESAS-HFA3128BZ Datasheet
790Kb / 16P
   Ultra High Frequency Transistor Arrays
Jan 24, 2019
More results

Similar Description - HFA3128B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
   Ultra High Frequency Transistor Arrays
October 1998
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
   Ultra High Frequency Transistor Arrays
Jan 24, 2019
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
   Ultra High Frequency Transistor Arrays
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3146 INTERSIL-CA3146 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
logo
Rohm
DAN212KT146 ROHM-DAN212KT146 Datasheet
51Kb / 3P
   Ultra high-speed switching diode arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com