Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

127Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # 127Z
Description  Ultra High Frequency Transistor Arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

127Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 127Z Datasheet HTML 5Page - Intersil Corporation 127Z Datasheet HTML 6Page - Intersil Corporation 127Z Datasheet HTML 7Page - Intersil Corporation 127Z Datasheet HTML 8Page - Intersil Corporation 127Z Datasheet HTML 9Page - Intersil Corporation 127Z Datasheet HTML 10Page - Intersil Corporation 127Z Datasheet HTML 11Page - Intersil Corporation 127Z Datasheet HTML 12Page - Intersil Corporation 127Z Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN3076.13
December 21, 2005
Die Characteristics
DIE DIMENSIONS:
53 mils x 52 mils x 19 mils
1340
µm x 1320µm x 483µm
METALLIZATION:
Type: Metal 1: AlCu(2%)/TiW
Thickness: Metal 1: 8k
Å ±0.4kÅ
Type: Metal 2: AlCu(2%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
PASSIVATION:
Type: Nitride
Thickness: 4k
Å ±0.5kÅ
PROCESS:
UHF-1
SUBSTRATE POTENTIAL: (POWERED UP)
Unbiased
Metallization Mask Layout
HFA3096, HFA3127, HFA3128
HFA3046
Pad numbers correspond to SOIC pinout.
1
2
3
4
5
6
78
9
10
11
12
13
14
15
16
1320
µm
(52 mils)
1340
µm
(53 mils)
1
2
3
4
5
6
78
9
10
11
12
13
14
1320
µm
(52 mils)
1340
µm
(53 mils)
HFA3046, HFA3096, HFA3127, HFA3128


Similar Part No. - 127Z

ManufacturerPart #DatasheetDescription
logo
Heyco.
127 HEYCO-127 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
Glenair, Inc.
127-130-06BBS GLENAIR-127-130-06BBS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BNS GLENAIR-127-130-06BNS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results

Similar Description - 127Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3046 INTERSIL-HFA3046 Datasheet
57Kb / 9P
   Ultra High Frequency Transistor Arrays
October 1998
logo
Renesas Technology Corp
HFA3046 RENESAS-HFA3046_V01 Datasheet
790Kb / 16P
   Ultra High Frequency Transistor Arrays
Jan 24, 2019
HFA3046 RENESAS-HFA3046 Datasheet
699Kb / 14P
   Ultra High Frequency Transistor Arrays
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
CA3146 INTERSIL-CA3146_01 Datasheet
294Kb / 12P
   High-VoltageTransistorArrays
CA3146 INTERSIL-CA3146 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
logo
Rohm
DAN212KT146 ROHM-DAN212KT146 Datasheet
51Kb / 3P
   Ultra high-speed switching diode arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com