Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCL7104-16CPL Datasheet(PDF) 5 Page - Intersil Corporation

Part # LCL7104-16CPL
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL7104-16CPL Datasheet(HTML) 5 Page - Intersil Corporation

  LCL7104-16CPL Datasheet HTML 1Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 2Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 3Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 4Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 5Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 6Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 7Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 8Page - Intersil Corporation LCL7104-16CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Supply Voltage Range
Logic Supply
V+
Note 10
4
-
11
V
Positive Supply
V++
10
-
16
V
Negative Supply
V-
-16
-
-10
V
NOTES:
6. This specification applies when not in Auto-Zero phase.
7. Apply only when these pins are inputs, i.e., the mode pin is low, and the 7104 is not in handshake mode.
8. Apply only when these pins are outputs, i.e., the mode pin is high, or the 7104 is in handshake mode.
9. Clock circuit shown in Figures 14 and 15.
10. V+ must not be more positive than V++.
System Electrical Specifications: ICL8068/ICL7104 V++ = +15V, V+ = +5V, V- = -15V, fCLOCK = 200kHz (Note 16)
PARAMETER
TEST
CONDITIONS
ICL8068A/ICL7104-14
ICL8068A/ICL7104-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Zero Input Reading
VIN = 0V, VREF = 2V
-00000
±00000 +00000
-00000
±00000 +00000
Counts
Ratiometric Error (Note 13)
VIN = VREF = 2V
-1
0
1
-1
0
1
LSB
Linearity Over
± Full Scale (Error of
Reading from Best Straight Line)
-4V
≤ VIN ≤ +4V
-
0.5
1
-
0.5
1
LSB
Differential Linearity (Difference
between Worst Case Step of Adjacent
Counts and Ideal Step)
-4V
≤ VIN ≤ +4V
-
0.01
-
-
0.01
-
LSB
Rollover Error (Difference in Reading
for Equal Positive & Negative Voltage
Near Full Scale)
-VIN = +VIN ≅ 4V
-
0.5
1
-
0.5
1
LSB
Noise (P-P Value Not Exceeded 95% of
Time)
VIN = 0V,
Full Scale = 4V
-2
-
-
2
-
µV
Leakage Current at Input (Note 14)
VIN = 0V
-
100
165
-
100
165
pA
Zero Reading Drift
VIN = 0V,
0oC to 70oC
-0.5
-
-
0.5
-
µV/oC
Scale Factor Temperature Coefficient
(Note 15)
VIN = 4V,
0oC to 50oC
ext. ref. 0ppm/oC
-2
5
-
2
5
ppm/oC
System Electrical Specifications: ICL8052/ICL7104 V++ = +15V, V+ = +5V, V- = -15V, fCLOCK = 200kHz
(Note 16)
PARAMETER
TEST
CONDITIONS
ICL8052A/ICL7104-14
ICL8052A/ICL7104-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Zero Input Reading
VIN = 0V, VREF = 2V
-00000
±00000 +00000
-00000
±00000 +00000
Counts
Ratiometric Error (Note 15)
VIN = VREF = 2V
-1
0
1
-1
0
1
LSB
Linearity Over
± Full Scale (Error of
Reading from Best Straight Line)
-4V
≤ VIN ≤ +4V
-
0.5
1
-
0.5
1
LSB
Differential Linearity (Difference
between Worst Case Step of Adjacent
Counts and Ideal Step)
-4V
≤ VIN ≤ +4V
-
0.01
-
-
0.01
-
LSB
Rollover Error (Difference in Reading
for Equal Positive and Negative Voltage
Near Full Scale)
-VIN = +VIN ≈ 4V
-
0.5
1
-
0.5
1
LSB
Noise (Peak-to-Peak Value Not
Exceeded 95% of Time)
VIN = 0V,
Full Scale = 4V
-30
-
-30
-
µV
ICL7104 Electrical Specifications V+ = +5V, V++ = +15V, V- = -15V, TA = 25oC, fCLOCK = 200kHz (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
ICL7104


Similar Part No. - LCL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LCL7104-16CPL INTERSIL-LCL7104-16CPL Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
More results

Similar Description - LCL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com