Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9-81C55RH-Q Datasheet(PDF) 11 Page - Intersil Corporation

Part # HS9-81C55RH-Q
Description  Radiation Hardened 256 x 8 CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-81C55RH-Q Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HS9-81C55RH-Q Datasheet HTML 3Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 4Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 5Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 7Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 8Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 9Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 10Page - Intersil Corporation HS9-81C55RH-Q Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Die Characteristics
DIE DIMENSIONS:
222mils x 202mils x 14mils
± 1mil (Die Thickness)
INTERFACE MATERIALS:
Glassivation:
Type: SiO2
Thickness: 8k
Å
± 1kÅ
Top Metallization:
Type: AlSi
Thickness: 11k
Å
± 2kÅ
Substrate:
Radiation Hardened Silicon Gate,
Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
Metallization Mask Layout
HS-81C55RH, HS-81C56RH
TIMER OUT (6)
IO/M (7)
CE OR CE (8)
RD (9)
WR (10)
ALE (11)
AD0 (12)
AD1 (13)
AD2 (14)
(34) PB5
(33) PB4
(32) PB3
(31) PB2
(30) PB1
(29) PB0
(28) PA7
(27) PA6
HS-81C55RH, HS-81C56RH


Similar Part No. - HS9-81C55RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-81C55RH INTERSIL-HS9-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
More results

Similar Description - HS9-81C55RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com