Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1609SG-U Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1609SG-U
Description  PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1609SG-U Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1609SG-U Datasheet HTML 1Page - Diodes Incorporated AP1609SG-U Datasheet HTML 2Page - Diodes Incorporated AP1609SG-U Datasheet HTML 3Page - Diodes Incorporated AP1609SG-U Datasheet HTML 4Page - Diodes Incorporated AP1609SG-U Datasheet HTML 5Page - Diodes Incorporated AP1609SG-U Datasheet HTML 6Page - Diodes Incorporated AP1609SG-U Datasheet HTML 7Page - Diodes Incorporated AP1609SG-U Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AP1609
PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
5 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
0
30
60
90
120
150
180
210
3
3.544.5
55.5
6
Vcc vs. Supply Current
Vcc (V)
VCE=Vcc
Vcc vs. Frequency
100
150
200
250
300
350
400
3
3.5
4
4.5
5
5.5
6
Vcc (V)
Load = 300mA
Line Regulation
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
3
3.5
4
4.5
5
5.5
6
Vcc (V)
Load = 50mA
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
200
400
600
800
1000
Load (mA)
Load Regulation
Vcc = 5V
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Load (A)
Load vs. Efficiency
Vcc = 3.3V,Vout = 5V
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Load (A)
Load vs. Efficiency
Vcc = 5V,Vout = 12V


Similar Part No. - AP1609SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609SG-13 DIODES-AP1609SG-13 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
More results

Similar Description - AP1609SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Anachip Corp
AP1624 ANACHIP-AP1624 Datasheet
172Kb / 7P
   PWM/PFM Dual Mode Step-up DC/DC Controller
logo
Diodes Incorporated
AP1624 DIODES-AP1624 Datasheet
450Kb / 7P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONTROLLER
AP1624 Rev. 1
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com