Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9582401QXC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962R9582401QXC
Description  Radiation Hardened 8-Bit CMOS Microprocessor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9582401QXC Datasheet(HTML) 1 Page - Intersil Corporation

  5962R9582401QXC Datasheet HTML 1Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 2Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 3Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 4Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 5Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 6Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 7Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 8Page - Intersil Corporation 5962R9582401QXC Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
File Number 3036.3
HS-80C85RH
Radiation Hardened 8-Bit CMOS
Microprocessor
The HS-80C85RH is an 8-bit CMOS microprocessor
fabricated using the Intersil radiation hardened self-aligned
junction isolated (SAJI) silicon gate technology. Latch-up
free operation is achieved by the use of epitaxial starting
material to eliminate the parasitic SCR effect seen in
conventional bulk CMOS devices.
The HS-80C85RH is a functional logic emulation of the
HMOS 8085 and its instruction set is 100% software
compatible with the HMOS device. The HS80C85RH is
designed for operation with a single 5 volt power supply. Its
high level of integration allows the construction of a radiation
hardened microcomputer system with as few as three ICs
(HS-80C85RH CPU, HS83C55RH ROM I/O, and the
HS-81C55/56RH RAM I/O.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95824. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-95824
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened EPI-CMOS
- Parametrics Guaranteed . . . . . . . . . . . 1 x 105RAD(Si)
- Transient Upset . . . . . . . . . . . . . . . . >1 x 108RAD(Si)/s
- Latch-up Free . . . . . . . . . . . . . . . . . >1 x 1012RAD(Si)/s
• Low Standby Current . . . . . . . . . . . . . . . . . . . . 500
µA Max
• Low Operating Current. . . . . . . . . . 5.0mA/MHz (X1 Input)
• Electrically Equivalent to Sandia SA 3000
• 100% Software Compatible with INTEL 8085
• Operation from DC to 2MHz, Post Radiation
• Single 5V Power Supply
• On-Chip Clock Generator and System Controller
• Four Vectored Interrupt Inputs
• Completely Static Design
• Self Aligned Junction Isolated (SAJI) Process
• Military Temperature Range. . . . . . . . . . . -55oC to 125oC
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R9582401QQC
HS1-80C85RH-8
-55 to 125
5962R9582401QXC
HS9-80C85RH-8
-55 to 125
5962R9582401VQC
HS1-80C85RH-Q
-55 to 125
5962R9582401VXC
HS9-80C85RH-Q
-55 to 125
HS9-80C85RH/Proto
HS9-80C85RH/Proto
-55 to 125
Data Sheet
August 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
OBSO
LETE
PROD
UCT
POSSI
BLE S
UBST
ITUT
E PR
ODU
CT
HS-8
0C86
RH o
r
conta
ct ou
r Tec
hnica
l Sup
port
Cent
er at
1-888
-INTER
SIL o
r ww
w.int
ersil.c
om/ts
c


Similar Part No. - 5962R9582401QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9582401QXC INTERSIL-5962R9582401QXC Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results

Similar Description - 5962R9582401QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
44Kb / 6P
   Radiation Hardened 8-Bit Bus Transceiver
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
   Radiation Hardened 8-Bit Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com