Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1605SL-U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1605SL-U
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605SL-U Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1605SL-U Datasheet HTML 1Page - Diodes Incorporated AP1605SL-U Datasheet HTML 2Page - Diodes Incorporated AP1605SL-U Datasheet HTML 3Page - Diodes Incorporated AP1605SL-U Datasheet HTML 4Page - Diodes Incorporated AP1605SL-U Datasheet HTML 5Page - Diodes Incorporated AP1605SL-U Datasheet HTML 6Page - Diodes Incorporated AP1605SL-U Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1605
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
REGULATOR
AP1605 Rev. 1
1 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Low current consumption:
In operation: 100µA max.
Power off: 2µA max.
Input voltage: 2.5V to 7V
Adjustable version (+2.5%)
PWM/PFM dual Mode
Oscillation frequency: 300KHz (Typ.)
With a power-off function.
Built-in internal SW P-channel MOS
Lead Free and Green Package: SOP-8L
Lead Free Finish/RoHS Compliant (Note 1)
AP1605 consists of CMOS step-down switching regulator with
PWM/PFM dual mode control. These devices include a reference
voltage source, oscillation circuit, error amplifier, internal PMOS and
etc.
AP1605 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM/PFM control circuit is able to
vary the duty ratio linearly 0%~0.25% (PFM) and 25%~100%
(PWM).
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can function
as step-down switching regulators. They serve as ideal power
supply units for portable devices when coupled with the SOP–8L
mini-package, providing such outstanding features as low current
consumption. Since this converter can accommodate an input
voltage of up to 7V, it is also ideal when operating via an AC
adapter.
On-board power supply of battery
devices for portable telephones,
electronic notebooks, PDA, and other
hand-held sets
Power supplies for audio equipment,
including portable CD players and
headphone stereo equipment
Fixed voltage power supply for cameras,
video equipment and communications
equipment
Power supplies for microcomputers.
Conversion from four Ni-H or Ni-Cd cells or
two lithium-ion cells to 3.3V/3V
Conversion of AC adapter input to 5V/3V
AP1605 X X X
Package
Packing
- U : Tube
-13 : Taping
S : SOP-8L
Lead-Free
L : Lead-Free
G : Green
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
Tube
13” Tape and Reel
Device
(Note 2)
Package
Code
Packaging
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1605S
S
SOP-8L
100
-U
2500/Tape & Reel
-13


Similar Part No. - AP1605SL-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1605SL-13 DIODES-AP1605SL-13 Datasheet
147Kb / 8P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
More results

Similar Description - AP1605SL-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
   PWM/PFM Dual-mode Step-Down Switching Regulator
logo
Diodes Incorporated
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 DIODES-AP1605_09 Datasheet
147Kb / 8P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
AP1605 Rev. 2
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com