Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4724BD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4724BD
Description  8-bit addressable latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4724BD Datasheet(HTML) 6 Page - NXP Semiconductors

  HEF4724BD Datasheet HTML 1Page - NXP Semiconductors HEF4724BD Datasheet HTML 2Page - NXP Semiconductors HEF4724BD Datasheet HTML 3Page - NXP Semiconductors HEF4724BD Datasheet HTML 4Page - NXP Semiconductors HEF4724BD Datasheet HTML 5Page - NXP Semiconductors HEF4724BD Datasheet HTML 6Page - NXP Semiconductors HEF4724BD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
January 1995
6
Philips Semiconductors
Product specification
8-bit addressable latch
HEF4724B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
Set-up times
5
40
20
ns
see also waveforms
Fig.5
D
→ E10
tsu
15
5
ns
15
10
0
ns
540
20
ns
An → E10
tsu
20
10
ns
15
15
5
ns
Hold times
5
20
0
ns
D
→ E10
thold
15
5
ns
15
15
5
ns
550
25
ns
An → E10
thold
20
10
ns
15
15
5
ns
Minimum E
5
75
35
ns
pulse width; LOW
10
tWEL
30
15
ns
15
20
10
ns
Minimum CL
5
70
35
ns
pulse width; HIGH
10
tWCLH
30
15
ns
15
20
10
ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Output transition
times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA


Similar Part No. - HEF4724BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4720 PHILIPS-HEF4720 Datasheet
180Kb / 16P
   256-bit, 1-bit per word random access memories
January 1995
HEF4720B PHILIPS-HEF4720B Datasheet
180Kb / 16P
   256-bit, 1-bit per word random access memories
January 1995
HEF4720BD PHILIPS-HEF4720BD Datasheet
180Kb / 16P
   256-bit, 1-bit per word random access memories
January 1995
HEF4720BF PHILIPS-HEF4720BF Datasheet
180Kb / 16P
   256-bit, 1-bit per word random access memories
January 1995
HEF4720BN PHILIPS-HEF4720BN Datasheet
180Kb / 16P
   256-bit, 1-bit per word random access memories
January 1995
More results

Similar Description - HEF4724BD

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com