Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9672201VXC Datasheet(PDF) 4 Page - Intersil Corporation

Part # 5962R9672201VXC
Description  Radiation Hardened Triple Line Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9672201VXC Datasheet(HTML) 4 Page - Intersil Corporation

  5962R9672201VXC Datasheet HTML 1Page - Intersil Corporation 5962R9672201VXC Datasheet HTML 2Page - Intersil Corporation 5962R9672201VXC Datasheet HTML 3Page - Intersil Corporation 5962R9672201VXC Datasheet HTML 4Page - Intersil Corporation 5962R9672201VXC Datasheet HTML 5Page - Intersil Corporation 5962R9672201VXC Datasheet HTML 6Page - Intersil Corporation 5962R9672201VXC Datasheet HTML 7Page - Intersil Corporation 5962R9672201VXC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Transmitter
The HS-245RH transmitters have two inputs per transmitter,
either of which is low while the other is open during normal
operation and both inputs are open during standby. For
optimum transmitter performance, the “off” input should be
open circuit rather than being pulled towards +5V, because
this will reduce the “on” output data current. On the other
hand, the “on” and “off” output data current will increase if
the “off” input is held below its open circuit voltage. Open
collector gates such as the 7401 and 7403 or 7405 Hex-
Inverter are suitable for driving the HS-245RH transmitter
inputs. By using 2-input gates as shown in Figure 4, an
enable line can be provided so that more than one
transmitter may be connected to a line for time sharing.
When the enable line is low the transmitter will be disabled
and will present a high impedance to the transmission line as
well as requiring very little power supply current.
Complementary input signals may be derived from high
speed inverter gates as shown, or by using the
complementary outputs of a flip-flop. When the transmitter is
connected near the midpoint of a long transmission line or to
a line with terminations at both ends, two transmitter
sections should be paralleled with respective inputs and
outputs connected together in order to drive the reduced
impedance. This parallel transmitter technique can also be
used to increase the data rate on long transmission lines.
TABLE A. GENERAL TRANSMITTER/RECEIVER CHARACTERISTICS
TRIPLE LINE TRANSMITTER
PARAMETER
HS-245RH
UNITS
COMMENTS
Operating Temperature Range
-55 to 125
oC
“ON” Output Current
1.0 Min
mA
Over Full Temperature Range
Power Supply Current
7.0 Max
mA
Per Transmitter Section
Standby Current
33 Max
µA
Per Transmitter Section
Propagation Delay
14 Max
ns
Over Full Temperature Range
TRIPLE LINE RECEIVER
PARAMETER
RECEIVER TYPE
LIMITS
UNITS
COMMENTS
Operating Temperature Range
HS-246RH/248RH
-55 to 125
oC
Power Supply
ICC (VCC = +5.0V)
HS-246RH/248RH
2.6
mA
Per Receiver Section
Propagation Delay
All Receivers
30
ns
Over Full Temperature Range
Input Impedance and
Output Circuit
HS-246RH
INPUT
OUTPUT
100
Open Collector
HS-248RH
Hi-Z
6K Pull-Up Resistor
-5V
OUT
+5
GND
1/3
HS-246RH
+5V
GND
2K-6K FOR TTL DRIVE
REQUIRED FOR HS-246RH
OUT
1/3
HS-248RH
-5V
+5V
GND
IN
ENABLE
G1
1/3
HS-245RH
G2
G3
FIGURE 4. TYPICAL DATA TRANSMISSION SYSTEM
HS-245RH, HS-246RH, HS-248RH


Similar Part No. - 5962R9672201VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R9672201VXC RENESAS-5962R9672201VXC Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
More results

Similar Description - 5962R9672201VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH Datasheet
110Kb / 8P
   Radiation Hardened Triple Line(party-Line) Transmitter
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
   Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com