Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1509-SG-U Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1509-SG-U
Description  150KHz, 2A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509-SG-U Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1509-SG-U Datasheet HTML 4Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 5Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 6Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 7Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 8Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 9Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 10Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 11Page - Diodes Incorporated AP1509-SG-U Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP1509
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
11 of 12
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOP-8L
1509-XX
(Top view)
YY WW XX
Part Number
Output Type:
Blank: Adjustable
33: 3.3V
50: 5.0V
12: 12V
Logo
Date Code
X: Internal code
WW: Nth week
YY: Year
G: Green
Package Information
(1) SOP-8L
1.27typ
0.3/0.5
7°~9°
4.80/5.30
7°~9°
3.70/4.10
0.38/1.27
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"


Similar Part No. - AP1509-SG-U

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
AP1509-SG-13 SY-AP1509-SG-13 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509-SG-13 DIODES-AP1509-SG-13 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1509-SG-13 DIODES-AP1509-SG-13 Datasheet
421Kb / 12P
   150kHz, 2A PWM BUCK DC-DC CONVERTER
Rev. 6 - 2 February 2020
More results

Similar Description - AP1509-SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
E-CMOS Corporation
EC9309 E-CMOS-EC9309 Datasheet
1Mb / 15P
   2A 150KHz PWM Buck DC/DC Converter
logo
Changzhou Shunye Electr...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com