Part Name
         Description
AP1530

 PWM CONTROL 3A STEP-DOWN CONVERTER ( 8 Page)


DIODES
100% 
Zoom Out Zoom In
   
 4 page
background image
AP1530
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
4 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP1530
+
-
V
SS
EN
C
C
R
A
R
B
D1
PDS540
FB
Vcc
Output
CVcc
V
OUT
V
IN
R
OCSET
OCSET
C
OUT
C
IN
Optional
C
OCSET
C
EN
R
EN
Option
100K
Note: V
OUT = VFB x (1+RA/RB)
R
B=0.7K~5K ohm
L1
22uH
6.8K
1.3K
3K
0.1uF
+
-
C
0.1uF
470uF
680uF
0.1uF
VIN=12V, IMAX=3A
VOUT
2.5V
3.3V
5V
L1 Value
15uH
18uH
22uH



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AP1520PWM Control 2A Step-Down Converter 1 2 3 4 5 MoreAnachip Corp
AP1510PWM CONTROL 3A STEP-DOWN CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1513PWM CONTROL 2A STEP-DOWN CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1520PWM CONTROL 2A STEP-DOWN CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1511PWM Control 5A Step-Down Converter 1 2 3 4 5 Anachip Corp
P1696150KHZ 2A PWM STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
AAT1123_071MHz Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT2315_07Dual 600mA Step-Down Converter with Synchronization 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1142800mA Voltage-Scaling Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT2510_06Dual 400mA 1MHz Step-Down DC-DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl