Part Name
         Description
AP1530

 PWM CONTROL 3A STEP-DOWN CONVERTER ( 8 Page)


DIODES
100% 
Zoom Out Zoom In
   
 1 page
background image
AP1530
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
1 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Lead-free
Input voltage: 3.6V to 18V
Output voltage: 0.8V to VCC.
Duty ratio: 0% to 100% PWM control
Oscillation frequency: 300KHz typ.
Soft-start, Current Limit, Enable function
Thermal Shutdown function
Built-in internal SW P-channel MOS
SOP-8L Pb-Free Package
Lead Free Finish/RoHS Compliant (Note 1)
AP1530 consists of step-down switching regulator with PWM control.
These devices include a reference voltage source, oscillation circuit,
error amplifier, internal PMOS.
AP1530 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary the
duty ratio linearly from 0 up to 100%. This converter also contains
an error amplifier circuit as well as a soft-start circuit that prevents
overshoot at startup. An enable function, an over current protect
function and a short circuit protect function are built inside, and
when OCP or SCP happens, the operation frequency will be
reduced from 300KHz to 30KHz. Also, an internal compensation
block is built in to minimum external component count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can function
as step-down switching regulators. They serve as ideal power
supply units for portable devices when coupled with the SOP–8L
mini-package, providing such outstanding features as low current
consumption. Since this converter can accommodate an input
voltage up to 18V, it is also suitable for the operation via an AC
adapter.
PC Motherboard
LCD Monitor
Graphic Card
DVD-Video Player
Telecom Equipment
ADSL Modem
Printer and other Peripheral Equipment
Microprocessor core supply
Networking power supply
Ordering Information
A P 1 5 3 0 X X X
Package
Packing
S : SOP-8L
Lead Free
L : Lead Free
-U : Tube
-13 : Taping
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1530S
S
SOP-8L
100
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
Features
General Description
Applications



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AP1520PWM Control 2A Step-Down Converter 1 2 3 4 5 MoreAnachip Corp
AP1510PWM CONTROL 3A STEP-DOWN CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1513PWM CONTROL 2A STEP-DOWN CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1520PWM CONTROL 2A STEP-DOWN CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1511PWM Control 5A Step-Down Converter 1 2 3 4 5 Anachip Corp
P1696150KHZ 2A PWM STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
AAT1123_071MHz Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT2315_07Dual 600mA Step-Down Converter with Synchronization 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1142800mA Voltage-Scaling Step-Down Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT2510_06Dual 400mA 1MHz Step-Down DC-DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl