Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBLC18I Datasheet(PDF) 1 Page - Protek Devices

Part # GBLC18I
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GBLC18I Datasheet(HTML) 1 Page - Protek Devices

  GBLC18I Datasheet HTML 1Page - Protek Devices GBLC18I Datasheet HTML 2Page - Protek Devices GBLC18I Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBLC03I*
thru
GBLC24CI*
ULTRA LOW CAPACITANCE TVS ARRAY
1
05242.R3 2/07
www.protekdevices.com
APPLICATIONS
✔ Ethernet - 10/100/1000 Base T
✔ Cellular Phones
✔ Handheld - Wireless Systems
✔ Personal Digital Assistant (PDA)
✔ USB Interface
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
FEATURES
✔ 350 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional & Bidirectional Configurations
✔ Replacement for MLV (0805)
✔ Protects One Power or I/O Port
✔ ESD Protection > 40 kilovolts
✔ Low Clamping Voltage
✔ Available in Multiple Voltage Types Ranging From 3V to 24V
✔ Ultra Low Capacitance: 0.6pF Typical
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SOD-323 Package
✔ Weight 5 milligrams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Device Marking: Marking Code & Polarity Band (Unidirectional Only)
SOD-323
1
2
UNIDIRECTIONAL
1
2
BIDIRECTIONAL
PIN CONFIGURATIONS
*PATENT PENDING


Similar Part No. - GBLC18I

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC18I PROTEC-GBLC18I Datasheet
80Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC18I PROTEC-GBLC18I Datasheet
601Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC18I PROTEC-GBLC18I Datasheet
604Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Guangdong Youtai Semico...
GBLC18I UMW-GBLC18I Datasheet
450Kb / 5P
   Handheld - Wireless Systems
More results

Similar Description - GBLC18I

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com