Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1520 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1520
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1520 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1520 Datasheet HTML 1Page - Diodes Incorporated AP1520 Datasheet HTML 2Page - Diodes Incorporated AP1520 Datasheet HTML 3Page - Diodes Incorporated AP1520 Datasheet HTML 4Page - Diodes Incorporated AP1520 Datasheet HTML 5Page - Diodes Incorporated AP1520 Datasheet HTML 6Page - Diodes Incorporated AP1520 Datasheet HTML 7Page - Diodes Incorporated AP1520 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP1520
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
6 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Test Circuit
A
FB
VCC
VSS
EN
open
open
FB
VCC
VSS
EN
+
-
OUTPUT
OUTPUT
A
FB
VCC
VSS
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
Function Description
PWM Control
The AP1520 consists of DC/DC converters that employ a
Pulse-Width Modulation (PWM) system. In converters of the
AP1520, the pulse width varies in a range from 0 to 100%,
according to the load current. The ripple voltage produced by the
switching can easily be removed through a filter because the
switching
frequency
remains
constant.
Therefore,
these
converters provide a low-ripple power over broad ranges of input
voltage and load current.
Under Voltage Lockout
The Under Voltage Lockout circuit of the AP1520 assures
that the high-side MOSFET driver outputs remain in the off state
whenever the supply voltage drops below 3.3V. Normal operation
resumes once VCC rises above 3.5V.
RDS(ON) Current Limiting
The current limit threshold is setting by the external
resistor connecting from VCC supply to OCSET. The internal
100uA sink current crossing the resistor sets the voltage at the
pin of OCSET. When the PWM voltage is less than the voltage at
OCSET, an over-current condition is triggered.
R
I
R
I
OCSET
OCSET
DS(ON)
LOAD
×
=
×
See above formula for setting the current limit value.


Similar Part No. - AP1520

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
   PWM Control 2A Step-Down Converter
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
519Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1520S ANACHIP-AP1520S Datasheet
197Kb / 7P
   PWM Control 2A Step-Down Converter
AP1520SA ANACHIP-AP1520SA Datasheet
197Kb / 7P
   PWM Control 2A Step-Down Converter
logo
Diodes Incorporated
AP1520SG-13 DIODES-AP1520SG-13 Datasheet
249Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 5
More results

Similar Description - AP1520

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
   PWM Control 2A Step-Down Converter
Rev. 1.02
logo
FOSLINK SEMICONDUCTOR C...
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1513 ANACHIP-AP1513 Datasheet
185Kb / 7P
   PWM Control 2A Step-Down Converter
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
   PWM Control 2A Step-Down Converter
logo
Diodes Incorporated
AP1534 DIODES-AP1534 Datasheet
170Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1534 Rev. 2
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com