Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7170AIBG Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICM7170AIBG
Description  Microprocessor-Compatible, Real-Time짰lock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7170AIBG Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICM7170AIBG Datasheet HTML 3Page - Intersil Corporation ICM7170AIBG Datasheet HTML 4Page - Intersil Corporation ICM7170AIBG Datasheet HTML 5Page - Intersil Corporation ICM7170AIBG Datasheet HTML 6Page - Intersil Corporation ICM7170AIBG Datasheet HTML 7Page - Intersil Corporation ICM7170AIBG Datasheet HTML 8Page - Intersil Corporation ICM7170AIBG Datasheet HTML 9Page - Intersil Corporation ICM7170AIBG Datasheet HTML 10Page - Intersil Corporation ICM7170AIBG Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Detailed Description
Oscillator
The ICM7170 has an onboard CMOS Pierce oscillator with an
internally regulated voltage supply for maximum accuracy,
stability, and low power consumption. It operates at any of
four popular crystal frequencies: 32.768kHz, 1.046576MHz,
2.097152MHz, and 4.194304MHz (Note 1). The crystal
should be designed for the parallel resonant mode of
oscillation. In addition to the crystal, 2 or 3 load capacitors are
required, depending on the circuit topology used.
The oscillator output is divided down to 4000Hz by one of
four divider ratios, determined by the two frequency
selection bits in the Command Register (D0 and D1 at
address 11H). This 4000Hz is then divided down to 100Hz,
which is used as the clock for the counters.
Time and calendar information is provided by 8 consecutive,
programmable counters: 100ths of, seconds, minutes,
hours, day of week, date, month, and year. The data is in
binary format with 8 bits per digit. See Table 3 for address
information. Any unused bits are held to a logic “0” during a
read and ignored during a write operation.
NOTE:
1. 4.94304MHz is not available over military temperature range.
Alarm Compare RAM
On the chip are 51 bits of Alarm Compare RAM grouped into
words of different lengths. These are used to store the time,
ranging from 10ths of seconds to years, for comparison to the
real-time counters. Each counter has a corresponding RAM
word. In the Alarm Mode an interrupt is generated when the
current time is equal to the alarm time. The RAM contents are
compared to the counters on a word by word basis. If a
comparison to a particular counter is unnecessary, then the
appropriate ‘M’ bit in Compare RAM should be set to logic “1”.
The ‘M’ bit, referring to Mask bit, causes a particular RAM
word to be masked off or ignored during a compare. Table 3
shows addresses and Mask bit information.
Periodic Interrupts
The interrupt output can be programmed for 6 periodic
signals: 100Hz, 10Hz, once per second, once per minute,
once per hour, or once per day. The 100Hz and 10Hz
interrupts have instantaneous errors of
±2.5% and ±0.15%
respectively. This is because non-integer divider circuitry is
used to generate these signals from the crystal frequency,
which is a power of 2. The time average of these errors over
a 1 second period, however, is zero. Consequently, the
100Hz or 10Hz interrupts are not suitable as an aid in tuning
the oscillator; the 1 second interrupt must be used instead.
See General Notes, Note 6.
The periodic interrupts can occur concurrently and in
addition to alarm interrupts. The periodic interrupts are
controlled by bits in the interrupt mask register, and are
enabled by setting the appropriate bit to a “1” as shown in
Table 4. Bits D1 through D6 in the mask register, in
conjunction with bits D1 through D6 of the status register,
control the generation of interrupts according to Figure 5.
0
1
1
1
1
0F
RAM-day of week
M
-
-
-
-
0 - 6
1
0
0
0
0
10
Interrupt Status and Mask
Register
+
1
0
0
0
1
11
Command register
-
-
NOTES:
Addresses 10010 to 11111 (12h to 1Fh) are unused.
‘+’ Unused bit for interrupt Mask Register, MSB bit for interrupt Status Register.
‘-’ Indicates unused bits.
’ AM/PM indicator bit in 12 hour format Logic “0” indicates AM, logic “1” indicates PM.
‘M’ Alarm compare for particular counter will be enabled if bit is set to logic “0”.
TABLE 3. ADDRESS CODES AND FUNCTIONS (Continued)
ADDRESS
FUNCTION
DATA
VALUE
A4
A3
A2
A1
A0
HEX
D7
D6
D5
D4
D3
D2
D1
D0
TABLE 4. INTERRUPT AND STATUS REGISTERS FORMAT
INTERRUPT MASK REGISTER ADDRESS (10000b, 10h) WRITE-ONLY
D7
D6
D5
D4
D3
D2
D1
D0
NOT USED
DAY
HOUR
MIN
SEC
1/10 SEC
1/100 SEC
ALARM
Periodic Interrupt Mask Bits
Alarm/Compare Mask Bit
INTERRUPT STATUS REGISTER ADDRESS (10000b, 10h) READ-ONLY
D7
D6
D5
D4
D3
D2
D1
D0
GLOBAL INTERRUPT
DAY
HOUR
MIN
SEC
1/10 SEC
1/100 SEC
ALARM
Periodic and Alarm Flags
Periodic Interrupt Flags
Alarm Compare Flag
ICM7170


Similar Part No. - ICM7170AIBG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170AIBG INTERSIL-ICM7170AIBG Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
Rochester Electronics
ICM7170AIBG ROCHESTER-ICM7170AIBG Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Renesas Technology Corp
ICM7170AIBG RENESAS-ICM7170AIBG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
Rochester Electronics
ICM7170AIBGT ROCHESTER-ICM7170AIBGT Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
More results

Similar Description - ICM7170AIBG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
   Microprocessor-Compatible
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
   MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com