Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7170IPG Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICM7170IPG
Description  Microprocessor-Compatible, Real-Time짰lock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7170IPG Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICM7170IPG Datasheet HTML 5Page - Intersil Corporation ICM7170IPG Datasheet HTML 6Page - Intersil Corporation ICM7170IPG Datasheet HTML 7Page - Intersil Corporation ICM7170IPG Datasheet HTML 8Page - Intersil Corporation ICM7170IPG Datasheet HTML 9Page - Intersil Corporation ICM7170IPG Datasheet HTML 10Page - Intersil Corporation ICM7170IPG Datasheet HTML 11Page - Intersil Corporation ICM7170IPG Datasheet HTML 12Page - Intersil Corporation ICM7170IPG Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Time Synchronization
Time synchronization is achieved through bit D3 of the
Command Register, which is used to enable or disable the
100Hz clock from the counters. A logic “1” allows the counters
to function and a logic “0” disables the counters. To accurately
set the time, a logic “0” should be written into D3 and then the
desired times entered into the appropriate counters. The clock
is then started at the proper time by writing a logic “1” into D3 of
the Command Register.
Latched Data
To prevent ambiguity while the processor is gathering data from
the registers, the ICM7170 incorporates data latches and a
transparent transition delay circuit.
By accessing the 100ths of seconds counter an internal
store signal is generated and data from all the counters is
transferred into a 36-bit latch. A transition delay circuit will
delay a 100Hz transition during a READ cycle. The data
stored by the latches is then available for further processing
until the 100ths of seconds counter is read again. If a RD
signal is wider than 0.01s, 100Hz counts will be ignored.
Control Lines
The RD, WR, and CS signals are active low inputs. Data is
placed on the bus from counters or registers when RD is a
logic “0”. Data is transferred to counters or registers when
WR is a logic “0”. RD and WR must be accompanied by a
logical “0” CS as shown in Figures 2 and 3. The ICM7170
will also work satisfactorily with CS grounded. In this mode,
access to the ICM7170 is controlled by RD and WR only.
With the ALE (Address Latch Enable) input, the ICM7170
can be interfaced directly to microprocessors that use a
multiplexed address/data bus by connecting the address
lines A0 - A4 to the data lines D0 - D4. To address the chip,
the address is placed on the bus and ALE is strobed. On the
falling edge, the address and CS information is read into the
address latch and buffer. RD and WR are used in the same
way as on a non-multiplexed bus. If a non-multiplexed bus is
used, ALE should be connected to VDD.
Test Mode
The test mode is entered by setting D5 of the Command
Register to a logic “1”. This connects the 100Hz counter
directly to the oscillator’s output.
Oscillator Considerations
Load Design: A new oscillator load configuration, shown in
Figure 7, has been found that eliminates start-up problems
sometimes encountered with 32kHz tuning fork crystals.
Two conditions must be met for best oscillator performance:
the capacitive load must be matched to both the inverter and
crystal to provide the ideal conditions for oscillation, and the
resonant frequency of the oscillator must be adjustable to
the desired frequency. In the original design (Figure 8),
these two goals were often at odds with each other; either
the oscillator was trimmed to frequency by detuning the load
circuit, or stability was increased at the expense of absolute
frequency accuracy.
+
-
POSITIVE SUPPLY RAIL
(+5V)
PIN 23
PIN 14
BATTERY
R2
2K
PIN 13
DIGITAL GROUND
VDD
VSS
VBACK
VDD
VIG
CMOS COMPARATOR
VTH 1.0V
VIG
INTERNAL GROUND
I/O DISABLE
VDD
FIGURE 6. SIMPLIFIED ICM7170 BATTERY BACKUP CIRCUIT
OSC IN
10
ICM7170
OSC OUT
VDD
23
C1
C2
C3
X1
9
VDD
FIGURE 7. NEW OSCILLATOR CONFIGURATION
ICM7170


Similar Part No. - ICM7170IPG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170IPG INTERSIL-ICM7170IPG Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
Rochester Electronics
ICM7170IPG ROCHESTER-ICM7170IPG Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Renesas Technology Corp
ICM7170IPG RENESAS-ICM7170IPG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results

Similar Description - ICM7170IPG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
   Microprocessor-Compatible
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
   MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com