Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1507-12D5L-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1507-12D5L-13
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507-12D5L-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1507-12D5L-13 Datasheet HTML 2Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 3Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 4Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 5Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 6Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 7Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 8Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 9Page - Diodes Incorporated AP1507-12D5L-13 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
8 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Applications Information
Pin Functions
+VIN
This is the positive input supply for the IC switching regulator. A
suitable input bypass capacitor must be present at this pin to
minimize voltage transients and to supply the switching currents
needed by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (+VIN
VSAT) and approximately – 0.5V, with a duty cycle of
approximately VOUT / VIN. To minimize coupling to sensitive
circuitry, the PC board copper area connected to this pin should
be kept at a minimum.
Feedback (FB)
Senses the regulated output voltage to complete the feedback
loop.
ON /OFF (SD)
Allows the switching regulator circuit to be shutdown using logic
level signals thus dropping the total input supply current to
approximately 150uA. Pulling this pin below a threshold voltage
of approximately 1.3V turns the regulator on, and pulling this pin
above 1.3V (up to a maximum of 18V) shuts the regulator down.
If this shutdown feature is not needed, the
ON /OFF pin can be
wired to the ground pin.
Thermal Considerations
The TO-252 surface mount package tab is designed to be
soldered to the copper on a printed circuit board. The copper
and the board are the heat sink for this package and the other
heat producing components, such as the catch diode and
inductor. The PC board copper area that the package is soldered
to should be at least 0.8 in
2, and ideally should have 2 or more
square inches of 2 oz. additional copper area which improves the
thermal characteristics. With copper areas greater than
approximately 6 in
2, only small improvements in heat dissipation
are realized. If further thermal improvements are needed, double
sided, multi-layer PC board with large copper areas and/or airflow
will be recommended.
The AP1507 (TO-252 package) junction temperature rises above
ambient temperature with a 3A load for various input and output
voltages. This data was taken with the circuit operating as a
buck-switching regulator with all components mounted on a PC
board to simulate the junction temperature under actual operating
conditions. This curve can be used for a quick check for the
approximate junction temperature for various conditions, but
there are many factors that can affect the junction temperature.
When load currents higher than 3A are used, double sided or
multi-layer PC boards with large copper areas and/or airflow
might be needed, especially for high ambient temperatures and
high output voltages.
For the best thermal performance, wide copper traces and
generous amounts of printed circuit board copper should be used
in the board layout. (One exception to this is the output (switch)
pin, which should not have large areas of copper.) Large areas
of copper provide the best transfer of heat (lower thermal
resistance) to the surrounding air, and moving air lowers the
thermal resistance even further.
Package thermal resistance and junction temperature rise
numbers are all approximate, and there are many factors that will
affect these numbers. Some of these factors include board size,
shape, thickness, position, location, and even board temperature.
Other factors are trace width, total printed circuit copper area,
copper thickness, single or double-sided, multi-layer board and
the amount of solder on the board. The effectiveness of the PC
board to dissipate heat also depends on the size, quantity and
spacing of other components on the board, as well as whether
the surrounding air is still or moving. Furthermore, some of these
components such as the catch diode will add heat to the PC
board and the heat can vary as the input voltage changes. For
the inductor, depending on the physical size, type of core
material and the DC resistance, it could either act as a heat sink
taking heat away from the board, or it could add heat to the
board.


Similar Part No. - AP1507-12D5L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507-12D5L ANACHIP-AP1507-12D5L Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
AP1507-12D5LA ANACHIP-AP1507-12D5LA Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - AP1507-12D5L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com