Part Name
         Description
AP1507

 150KHz, 3A PWM BUCK DC/DC CONVERTER ( 10 Page)


DIODES
100% 
Zoom Out Zoom In
 
 5 page
background image
AP1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
5 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
AP1507 Efficiency vs. Temperature
(Vin = 12V, Vout = 5V, Io = 3A)
72
73
74
75
76
77
78
79
80
81
82
83
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1507 Efficiency vs. Temperature
(Vin = 12V, Vout = 3.3V, Io = 3A)
70
71
72
73
74
75
76
77
78
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1507 Saturation Voltage vs. Temperature
(Vcc = 12V, Vfb = 0V, VSD = 0)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
Temperature (TA) (°C)
3A
2A
1A
0.5A
AP1507 Switch Current Limit vs. Temperature
(Vcc = 12V, Vfb = 0V)
3
3.5
4
4.5
5
5.5
-50
-30
-10
103050
7090
Temperature (TA) (°C)
AP1507 Supply Current vs. Temperature
(Vcc = 12V, No Load, Von/off = 0V (Switch ON), Von/off = 5V (Switch OFF))
5
6
7
8
9
10
11
12
13
14
15
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
Switch ON
30
35
40
45
50
55
60
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
Switch OFF



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P1596150KHZ 1.5A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
AP1506150KHz 3A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
P1696150KHZ 2A PWM STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreUnisonic Technologies
AP3001150kHz 3A PWM BUCK DC-DC CONVERTER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AAT1151_07850kHz 700mA Synchronous Buck DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1152_06850kHz 1A Buck DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AP3003150kHz 3A BUCK DC-DC CONVERTER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
FAN5099Wide Frequency Synchronous Buck PWM AND LDO Controller 1 2 3 4 5 MoreFairchild Semiconductor
MIC22083mmx3mm 1MHz 3A PWM Buck Regulator 1 2 3 4 5 MoreMicrel Semiconductor
XC9511Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl