Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP0080 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP0080
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0080 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP0080_00 Datasheet HTML 6Page - Intersil Corporation HIP0080_00 Datasheet HTML 7Page - Intersil Corporation HIP0080_00 Datasheet HTML 8Page - Intersil Corporation HIP0080_00 Datasheet HTML 9Page - Intersil Corporation HIP0080_00 Datasheet HTML 10Page - Intersil Corporation HIP0080_00 Datasheet HTML 11Page - Intersil Corporation HIP0080_00 Datasheet HTML 12Page - Intersil Corporation HIP0080_00 Datasheet HTML 13Page - Intersil Corporation HIP0080_00 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FIGURE 7. HIP0081 CURRENT vs CASE (TAB) TEMPERATURE, ALL OUTPUTS ON WITH EQUAL CURRENT
FIGURE 8. DISSIPATION DERATING CURVES
MAX. ALL ON
CURRENT LIMIT
(EQUAL CURRENT)
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
CASE (HEAT SINK TAB) TEMPERATURE (oC)
(3)
(4)
CURVE (3): rDS(ON) = 1Ω
CURVE (4): rDS(ON) = 0.5Ω
THERMAL RESISTANCE,
θJC = 3oC/W
2
4
6
8
10
12
14
16
0
-50
-25
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
HIP0080 WITH
θJA = 33oC/W
(PC BOARDS AS HEAT SINK)
HIP0081 WITH EXT.
6oC/W HEAT SINK
JA = 9oC/W)
HIP0081 WITH INFINITE
HEAT SINK
(
θJC = θJA = 3oC/W)
HIP0080, HIP0081


Similar Part No. - HIP0080_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0080AM INTERSIL-HIP0080AM Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
logo
Renesas Technology Corp
HIP0080AM RENESAS-HIP0080AM Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
More results

Similar Description - HIP0080_00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
   Quad Power Drivers with Serial Diagnostic Interface
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Cypress Semiconductor
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com