Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1184T5-L-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1184T5-L-13
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184T5-L-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1184T5-L-13 Datasheet HTML 4Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 5Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 6Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 7Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 8Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 9Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 10Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 11Page - Diodes Incorporated AP1184T5-L-13 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 1
9 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Performance Characteristic ( Continued )
Transient Response
VCONTROL = 5.0V
VPOWER = 3.3V
VOUT = 2.5V
CCONTROL=10uF
CPOWER = 100uF
CADJ = 0.1uF
COUT = 470uF
ILOAD
10mA to 4A


Similar Part No. - AP1184T5-L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184T5 ANACHIP-AP1184T5 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184T5 DIODES-AP1184T5 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
Anachip Corp
AP1184T515 ANACHIP-AP1184T515 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184T515A ANACHIP-AP1184T515A Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184T515L ANACHIP-AP1184T515L Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results

Similar Description - AP1184T5-L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com