Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1212 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1212
Description  DUAL USB HIGH-SIDE POWER SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1212 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1212 Datasheet HTML 4Page - Diodes Incorporated AP1212 Datasheet HTML 5Page - Diodes Incorporated AP1212 Datasheet HTML 6Page - Diodes Incorporated AP1212 Datasheet HTML 7Page - Diodes Incorporated AP1212 Datasheet HTML 8Page - Diodes Incorporated AP1212 Datasheet HTML 9Page - Diodes Incorporated AP1212 Datasheet HTML 10Page - Diodes Incorporated AP1212 Datasheet HTML 11Page - Diodes Incorporated AP1212 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP1212
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
8 of 12
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Functional Characteristics
Turn-On/Turn-Off (AP1212H)
Turn-On (AP1212H)
TIME (10mS/div.)
TIME (200µS/div.)
Turn-Off (AP1212H)
Enabled Into Short (AP1212H)
TIME (2mS/div.)
TIME (500µS/div.)
Current-Limit Response (AP1212H)
Current-Limit Response (AP1212H)
TIME (50mS/div.)
TIME (20µS/div.)
IOUT
VEN
VFLG
VOUT
IOUT
VIN=5V
CL=47µF
RL=35Ω
Inrush Current
140 mA
Inrush Current
VEN
VFLG
VOUT
VIN=5V
CL=47µF
RL=35Ω
Output Turn-On
Rise Time
140 mA
140 mA
VIN=5V
CL=47µF
RL=35Ω
VEN
VFLG
VOUT
IOUT
VIN=5V
Short-Circuit Current
VEN
VFLG
V
I
Hysteresis (10
OC)
VIN=5V
CL=47µF
Current-Limit
Threshold
Short-Circuit Current
Thermal Shutdown
VEN
VOUT
VIN=5V
CL=47µF
Current-Limit
Threshold
Short-Circuit Current
VEN
VFLG
VOUT
I


Similar Part No. - AP1212

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
List of Unclassifed Man...
AP1212-1 ETC-AP1212-1 Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
logo
Anachip Corp
AP1212HN ANACHIP-AP1212HN Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
AP1212HNA ANACHIP-AP1212HNA Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
AP1212HNL ANACHIP-AP1212HNL Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
More results

Similar Description - AP1212

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6526 SSC-SS6526 Datasheet
356Kb / 12P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com