Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1122EL-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1122EL-13
Description  1A LOW DROPOUT POSITIVE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122EL-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1122EL-13 Datasheet HTML 1Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 2Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 3Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 4Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 5Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 6Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 7Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 8Page - Diodes Incorporated AP1122EL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
3 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
3
Thermal
Shutdown
1
2
Vout
GND
1.2V
+
+
CURRENT
LIMIT
Vin
+
+
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
GND
I
1
Ground Pin
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω) must
be connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor (0.15Ω ≤ ESR ≤ 20Ω) is
connected from this pin to ground to insure that the input voltage does not sag below
the minimum dropout voltage during the load transient response. This pin must
always be 1.3V higher than Vout in order for the device to regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +125
oC
TM
Maximum Junction Temperature
150
oC


Similar Part No. - AP1122EL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1122EL-13 DIODES-AP1122EL-13 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
More results

Similar Description - AP1122EL-13

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com