Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDA05C4 Datasheet(PDF) 3 Page - Protek Devices

Part # ESDA05C4
Description  LOW CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESDA05C4 Datasheet(HTML) 3 Page - Protek Devices

  ESDA05C4 Datasheet HTML 1Page - Protek Devices ESDA05C4 Datasheet HTML 2Page - Protek Devices ESDA05C4 Datasheet HTML 3Page - Protek Devices ESDA05C4 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
05197.R1 2/07
www.protekdevices.com
ESDA05C-4
GRAPHS
Peak Pulse Power
8/20µs
Average Power
0
25
50
75
100
125
150
TL - Lead Temperature - °C
100
80
60
40
20
0
FIGURE 3
POWER DERATING CURVE
TEST
WAVEFORM
PARAMETERS
tf = 8µs
td = 20µs
Peak Value IPP
tf
e-t
td = t IPP/2
0
5
10
15
20
25
30
t - Time - µs
120
100
80
60
40
20
0
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
1
10
100
1,000
80W, 8/20µs Waveform


Similar Part No. - ESDA05C4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ESDA05C PROTEC-ESDA05C Datasheet
75Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESDA05C-4 PROTEC-ESDA05C-4 Datasheet
95Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Shanghai Leiditech Elec...
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
logo
Protek Devices
ESDA05C-4 PROTEC-ESDA05C-4_11 Datasheet
471Kb / 6P
   LOW CAPACITANCE TVS ARRAY
ESDA05C-4 PROTEC-ESDA05C-4_12 Datasheet
475Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results

Similar Description - ESDA05C4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com