Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1086K25L-U Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1086K25L-U
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086K25L-U Datasheet(HTML) 7 Page - Diodes Incorporated

  AP1086K25L-U Datasheet HTML 1Page - Diodes Incorporated AP1086K25L-U Datasheet HTML 2Page - Diodes Incorporated AP1086K25L-U Datasheet HTML 3Page - Diodes Incorporated AP1086K25L-U Datasheet HTML 4Page - Diodes Incorporated AP1086K25L-U Datasheet HTML 5Page - Diodes Incorporated AP1086K25L-U Datasheet HTML 6Page - Diodes Incorporated AP1086K25L-U Datasheet HTML 7Page - Diodes Incorporated AP1086K25L-U Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086 Rev. 2
7 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Package Dimension
(1) TO263-3L
9.65/10.29 Typ 9.97
2.54
BS C .
0.51/0.99 Typ 0.75
1.14/1.40 Typ1.27
2.28/2.80 Typ 2.54
1.3
10.9
Land Pattern R ecom m endation (U nit: m m )
2.54
0.38 Typ
(2) TO252-3L
5.20/5.50 Typ 5.35
6.354/6.80 Typ 6.58
2.28
BSC.
0.61 Typ
4.57 BSC.
9.00/10.40 Typ 9.70
SEATING
PLANE
0.51
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
2.18/2.40
Typ 2.29
0.45/0.58
Typ 0.52
0.64/1.02
Typ 0.83
0.45/0.58
Typ 0.52
0.89/
1.14


Similar Part No. - AP1086K25L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086K25L-U DIODES-AP1086K25L-U Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1086K25L-U

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com