Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4538BN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4538BN
Description  Dual precision monostable multivibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4538BN Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4538BN Datasheet HTML 1Page - NXP Semiconductors HEF4538BN Datasheet HTML 2Page - NXP Semiconductors HEF4538BN Datasheet HTML 3Page - NXP Semiconductors HEF4538BN Datasheet HTML 4Page - NXP Semiconductors HEF4538BN Datasheet HTML 5Page - NXP Semiconductors HEF4538BN Datasheet HTML 6Page - NXP Semiconductors HEF4538BN Datasheet HTML 7Page - NXP Semiconductors HEF4538BN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
January 1995
4
Philips Semiconductors
Product specification
Dual precision monostable multivibrator
HEF4538B
MSI
FUNCTION TABLE
Notes
1. H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage)
X = state is immaterial
= positive output pulse
= negative output pulse
= positive-going transition
= negative-going transition
INPUTS
OUTPUTS
I0
I1
CD
O
O
LH
HH
XX
L
L
H
Fig.4
Connection of the external timing
components Rt and Ct.
DC CHARACTERISTICS
VSS =0V
Note
1. Only one monostable is switching: current present during output pulse (output O is HIGH).
VDD
V
SYMBOL
Tamb (°C)
− 40
+ 25
+ 85
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
Supply current
5
55
µA
active state
10
ID
150
µA
(see note)
15
220
µA
Input leakage
current
15
± I
IN
300
1000 nA
(pins 2 and 14)


Similar Part No. - HEF4538BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEF4538B NXP-HEF4538B Datasheet
130Kb / 18P
   Dual precision monostable multivibrator
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4538B NEXPERIA-HEF4538B Datasheet
246Kb / 14P
   Dual precision monostable multivibrator
Rev. 12 - 4 March 2022
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
   Dual precision monostable multivibrator
More results

Similar Description - HEF4538BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEC4538BT-T NXP-HEC4538BT-T Datasheet
130Kb / 18P
   Dual precision monostable multivibrator
Rev. 8-16 November 2011
logo
Nexperia B.V. All right...
HEF4538B-Q100 NEXPERIA-HEF4538B-Q100 Datasheet
235Kb / 14P
   Dual precision monostable multivibrator
HEF4538B NEXPERIA-HEF4538B Datasheet
246Kb / 14P
   Dual precision monostable multivibrator
Rev. 12 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com