Part Name
         Description
AP431

 ADJUSTABLE PRECISION SHUNT REGULATOR ( 14 Page)


DIODES
100% 
Zoom Out Zoom In
 
 2 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
2 of 14
MARCH 2007
www.diodes.com
© Diodes Incorporated
Pin Assignment
Package
Pin Configuration (Top View)
SOT25
Package
4
REF
5
ANODE
NC
1
CATHODE
3
NC
2
SC-59
( Package
Code-R)
ANODE
1
2
REF
3
CATHODE
SC-59
(Package
Code-W)
ANODE
1
3
REF
2
CATHODE
SOP-8L
SOT23
ANODE 1
2
CATHODE
3REF
1 REF
2 Anode
3 Cathode
TO92-3L
NC
5
4
18
6
7
3
2
ANODE
ANODE
CATHODE
NC
ANODE
REF
ANODE
SOT23R
ANODE 1
2
CATHODE
3
REF
Pin Configuration (Top View)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPX431APrecision Adjustable Shunt Regulator 1 2 3 4 5 MoreSipex Corporation
AZ431L_07LOW VOLTAGE 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
CAT102_05Precision Adjustable Shunt Regulator 1 2 3 4 5 MoreCatalyst Semiconductor
NCP100_06Sub 1.0 V Precision Adjustable Shunt Regulator 1 2 3 4 5 MoreON Semiconductor
TL432Low Voltage 1.24V Adjustable Precision Shunt Regulator 1 2 3 4 5 HTC Korea TAEJIN Technology Co.
AZ432_07LOW VOLTAGE 1.25V ADJUSTABLE PRECISION SHUNT REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
MM1530Precision Adjustable Shunt Regulator 1 2 3 4 5 Mitsumi Electronics, Corp.
TL431_05ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TL431_07ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TLV431_06LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl