Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP130-35PL-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP130-35PL-7
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130-35PL-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP130-35PL-7 Datasheet HTML 1Page - Diodes Incorporated AP130-35PL-7 Datasheet HTML 2Page - Diodes Incorporated AP130-35PL-7 Datasheet HTML 3Page - Diodes Incorporated AP130-35PL-7 Datasheet HTML 4Page - Diodes Incorporated AP130-35PL-7 Datasheet HTML 5Page - Diodes Incorporated AP130-35PL-7 Datasheet HTML 6Page - Diodes Incorporated AP130-35PL-7 Datasheet HTML 7Page - Diodes Incorporated AP130-35PL-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 Rev. 2
4 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
TA = 25ºC, CIN = 1µF, COUT = 10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDROP
Dropout Voltage (Note 4)
IL = 300mA
-
400
500
mV
ILIMIT
Current Limit (Note 5)
VIN = 5V, VOUT = 0V
350
450
-
mA
Ishort
Short Circuit Current
VOUT < 1.05V
-
150
300
mA
∆VLINE
Line Regulation
IOUT = 1mA, VIN =
(VOUT+1V) to 5.5V
-
0.1
0.3
%/V
PSRR
Ripple Rejection
F = 100Hz,
CIN = 1µF, CO = 10uF,
IL = 100mA
-
58
-
dB
∆VLOAD
Load Regulation (Note 6)
IL = 1~300mA, VIN = 5V
-
30
40
mV
Output Voltage Accuracy
IL = 1mA, VIN = 5V
-2
-
+2
%
∆VOUT
Output Voltage Temperature
Coefficient (Note 7)
-
50
150
PPM/ºC
IQ
Quiescent Current
IL = 0mA, VIN = 5V
-
50
100
µA
Note:
4. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by using pulsed ON
time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
5. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
6. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
7. Guaranteed by design.


Similar Part No. - AP130-35PL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130-35R ANACHIP-AP130-35R Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP130-35W ANACHIP-AP130-35W Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP130-35Y ANACHIP-AP130-35Y Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-35Y DIODES-AP130-35Y Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Anachip Corp
AP130-35YR ANACHIP-AP130-35YR Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
More results

Similar Description - AP130-35PL-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com