Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP60 Datasheet(PDF) 3 Page - Protek Devices

Part # 15KP60
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP60 Datasheet(HTML) 3 Page - Protek Devices

  15KP60 Datasheet HTML 1Page - Protek Devices 15KP60 Datasheet HTML 2Page - Protek Devices 15KP60 Datasheet HTML 3Page - Protek Devices 15KP60 Datasheet HTML 4Page - Protek Devices 15KP60 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
05023.R9 2/07
www.protekdevices.com
15KP17A
thru
15KP280A
GRAPHS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 & 2)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ 10/1000µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
15KP75
15KP75A
15KP78
15KP78A
15KP85
15KP85A
15KP90
15KP90A
15KP100
15KP100A
15KP110
15KP110A
15KP120
15KP120A
15KP130
15KP130A
15KP150
15KP150A
15KP160
15KP160A
15KP170
15KP170A
15KP180
15KP180A
15KP200
15KP200A
15KP220
15KP220A
15KP240
15KP240A
15KP260
15KP260A
15KP280
15KP280A
75.0
75.0
78.0
78.0
85.0
85.0
90.0
90.0
100.0
100.0
110.0
110.0
120.0
120.0
130.0
130.0
150.0
150.0
160.0
160.0
170.0
170.0
180.0
180.0
200.0
200.0
220.0
220.0
240.0
240.0
260.0
260.0
280.0
280.0
83.3
83.3
86.7
86.7
94.4
94.4
100.0
100.0
111.0
111.0
122.0
122.0
133.0
133.0
144.0
144.0
167.0
167.0
178.0
178.0
189.0
189.0
200.0
200.0
222.0
222.0
245.0
245.0
267.0
267.0
289.0
289.0
311.0
311.0
135.0V @ 111.0A
122.0V @ 123.0A
140.0V @ 107.0A
126.0V @ 119.0A
152.0V @ 99.0A
137.0V @ 109.0A
160.0V @ 94.0A
146.0V @ 103.0A
179.0V @ 84.0A
162.0V @ 93.0A
196.0V @ 77.0A
178.0V @ 84.0A
214.0V @ 70.0A
193.0V @ 78.0A
231.0V @ 65.0A
209.0V @ 72.0A
268.0V @ 56.0A
243.0V @ 62.0A
287.0V @ 52.0A
259.0V @ 58.0A
304.0V @ 49.0A
275.0V @ 55.0A
321.0V @ 47.0A
291.0V @ 52.0A
356.0V @ 42.0A
322.0V @ 47.0A
393.0V @ 38.0A
356.0V @ 42.0A
428.0V @ 35.0A
388.0V @ 39.0A
464.0V @ 32.0A
419.0V @ 36.0A
500.0V @ 30.0A
452.0V @ 33.0A
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
100
89
104
93
113
102
120
109
134
121
147
133
161
145
174
157
202
183
216
195
229
207
242
219
269
243
297
269
324
293
352
317
378
342
MIN
V(BR)
VOLTS
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
@I
T
mA
Note 1: Part numbers shown are unidirectional devices. Add a “CA” suffix to specify bidirectional devices, such as 15KP20CA.
Note 2: V
F = 7.5 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional devices only.


Similar Part No. - 15KP60

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP60 EIC-15KP60 Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP60 MICROSEMI-15KP60 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Pan Jit International I...
15KP60 PANJIT-15KP60 Datasheet
58Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP60 ETC-15KP60 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Protek Devices
15KP60 PROTEC-15KP60 Datasheet
483Kb / 7P
   15kW power tvs component
More results

Similar Description - 15KP60

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com