Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4541B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF4541B
Description  Programmable timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4541B Datasheet(HTML) 7 Page - NXP Semiconductors

  HEF4541B Datasheet HTML 1Page - NXP Semiconductors HEF4541B Datasheet HTML 2Page - NXP Semiconductors HEF4541B Datasheet HTML 3Page - NXP Semiconductors HEF4541B Datasheet HTML 4Page - NXP Semiconductors HEF4541B Datasheet HTML 5Page - NXP Semiconductors HEF4541B Datasheet HTML 6Page - NXP Semiconductors HEF4541B Datasheet HTML 7Page - NXP Semiconductors HEF4541B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
January 1995
7
Philips Semiconductors
Product specification
Programmable timer
HEF4541B
MSI
DC CHARACTERISTICS
VSS =0 V
Note
1. All inputs at 0 V or VDD; except input AR = input MR = 0 V (power-on reset active).
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
Notes
1. where:
fi
= input frequency (MHz)
fo
= output frequency (MHz)
CL
= load capacitance (pF)
VDD = supply voltage (V)
Ct
= timing capacitance (pF)
fosc
= oscillator frequency (MHz)
VDD
V
VOL
V
VOH
V
SYMBOL
Tamb (°C)
−40
+ 25
+ 85
MIN. MAX. MIN.
TYP.
MAX. MIN. MAX.
Supply current
5
80
20
80
230
µA
power-on reset
10
ID
750
250
600
700
µA
enabled (note)
15
1600
500
1300
1500
µA
Supply voltage for automatic
reset initialization (note)
VDD
−−
8,5
5
−−
V
Output current
5
4,6
0,5
0,4
−−
0,3
mA
HIGH; CTC,RTC
10
9,5
−IOH
1,4
1,2
−−
0,95
mA
15
13,5
4,8
4,0
−−
3,2
mA
5
2,5
−IOH
1,4
1,2
−−
0,95
mA
Output current
5
0,4
0,33
0,27
−−
0,20
mA
LOW; CTC,RTC
10
0,5
IOL
1,00
0,85
−−
0,68
mA
15
1,5
3,20
2,70
−−
2,30
mA
VDD
V
TYPICAL FORMULA FOR P (
µW)(1)
Dynamic power dissipation
5
1 300
fi + foCLVDD2
per package
10
5 300
fi + foCLVDD2
(P)
15
12 000
fi + foCLVDD2
Total power dissipation
5
1 300
fosc +
foCLVDD2
+ 2CtVDD2 fosc
+ 10 VDD
when using the
10
5 300
fosc +
foCLVDD2
+ 2CtVDD2 fosc
+ 100 VDD
on-chip oscillator (P)
15
12 000
fosc +
foCLVDD2
+ 2CtVDD2 fosc
+ 400 VDD


Similar Part No. - HEF4541B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4541B NEXPERIA-HEF4541B Datasheet
244Kb / 14P
   Programmable timer
Rev. 6 - 25 November 2021
HEF4541B-Q100 NEXPERIA-HEF4541B-Q100 Datasheet
1Mb / 17P
   Programmable timer
HEF4541BT NEXPERIA-HEF4541BT Datasheet
244Kb / 14P
   Programmable timer
Rev. 6 - 25 November 2021
More results

Similar Description - HEF4541B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com