Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4534BP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4534BP
Description  Real time 5-decade counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4534BP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4534BP Datasheet HTML 2Page - NXP Semiconductors HEF4534BP Datasheet HTML 3Page - NXP Semiconductors HEF4534BP Datasheet HTML 4Page - NXP Semiconductors HEF4534BP Datasheet HTML 5Page - NXP Semiconductors HEF4534BP Datasheet HTML 6Page - NXP Semiconductors HEF4534BP Datasheet HTML 7Page - NXP Semiconductors HEF4534BP Datasheet HTML 8Page - NXP Semiconductors HEF4534BP Datasheet HTML 9Page - NXP Semiconductors HEF4534BP Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
January 1995
8
Philips Semiconductors
Product specification
Real time 5-decade counter
HEF4534B
LSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
SYMBOL
MIN.
TYP.
MAX.
3-state propagation delays
Output disable times
EO
→ On;
5
30
60
ns
EOS
→ OSn
10
tPHZ
25
50
ns
HIGH
15
20
40
ns
540
80
ns
LOW
10
tPLZ
25
50
ns
15
20
40
ns
Output enable times
EO
→ On;
5
35
70
ns
EOS
→ OSn
10
tPZH
20
40
ns
HIGH
15
15
30
ns
5
50
100
ns
LOW
10
tPZL
25
50
ns
15
15
30
ns
Minimum clock pulse
5
70
35
ns
width; CPA, CPS
10
tWCPH
40
20
ns
HIGH
15
30
15
ns
Minimum reset pulse
5
90
45
ns
width; MR, MRsc
10
tWMRH
60
30
ns
HIGH
15
40
20
ns
Recovery time
5
120
60
ns
for MR
10
tRMR
60
30
ns
15
50
25
ns
Recovery time
5
60
30
ns
for MRsc
10
tRMR
40
20
ns
15
30
15
ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA


Similar Part No. - HEF4534BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4531 PHILIPS-HEF4531 Datasheet
36Kb / 4P
   13-input parity checker/generator
January 1995
HEF4531B PHILIPS-HEF4531B Datasheet
36Kb / 4P
   13-input parity checker/generator
January 1995
HEF4531BD PHILIPS-HEF4531BD Datasheet
36Kb / 4P
   13-input parity checker/generator
January 1995
HEF4531BF PHILIPS-HEF4531BF Datasheet
36Kb / 4P
   13-input parity checker/generator
January 1995
HEF4531BN PHILIPS-HEF4531BN Datasheet
36Kb / 4P
   13-input parity checker/generator
January 1995
More results

Similar Description - HEF4534BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4017B-Q100 NEXPERIA-HEF4017B-Q100 Datasheet
705Kb / 18P
   5-stage Johnson decade counter
logo
NXP Semiconductors
HEF4017B NXP-HEF4017B Datasheet
103Kb / 16P
   5-stage Johnson decade counter
Rev. 04-9 December 2008
logo
Nexperia B.V. All right...
HEF4017B NEXPERIA-HEF4017B Datasheet
780Kb / 18P
   5-stage Johnson decade counter
Rev. 9 - 8 April 2016
logo
ON Semiconductor
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
   Decade Counter
August, 2014 ??Rev. 9
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com