Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP358S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP358S
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358S Datasheet(HTML) 1 Page - Diodes Incorporated

  AP358S Datasheet HTML 1Page - Diodes Incorporated AP358S Datasheet HTML 2Page - Diodes Incorporated AP358S Datasheet HTML 3Page - Diodes Incorporated AP358S Datasheet HTML 4Page - Diodes Incorporated AP358S Datasheet HTML 5Page - Diodes Incorporated AP358S Datasheet HTML 6Page - Diodes Incorporated AP358S Datasheet HTML 7Page - Diodes Incorporated AP358S Datasheet HTML 8Page - Diodes Incorporated AP358S Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
1 of 15
OCTOBER 2006
www.diodes.com
© Diodes Incorporated
Lead-free
Internally frequency compensated for unity gain
Large dc voltage gain: 100 dB
Very low supply current drain (500µA)-essentially
independent of supply voltage
Wide bandwidth (unity gain): 1 MHz (temperature
compensated)
Input common-mode voltage range includes ground
Differential input voltage range equal to the power
supply voltage
Low input offset voltage: 2mV
Wide power supply range:
Single supply: 3V to 32V
Or dual supplies: ±1.5V to ±16V
Large output voltage swing: 0V to V
+ - 1.5V
8-pin SOP, PDIP package
Lead Free Finish/RoHS Compliant for Lead Free and
“Green” products (Note 1)
SOP-8L: Available in “Green” Molding Compound (No
Br, Sb)
The AP358 series consists of two independent, high gain,
internally frequency compensated operational amplifiers which
were designed specifically to operate from a single power supply
over a wide range of voltages. Operation from split power
supplies is also possible and the low power supply current drain
is independent of the magnitude of the power supply voltage.
Application areas include transducer amplifiers, dc gain blocks
and all the conventional op amp circuits which now can be more
easily implemented in single power supply systems. For example,
the AP358 series can be directly operated off of the standard +5V
power supply voltage which is used in digital systems and will
easily provide the required interface electronics without requiring
the additional ±15V power supply.
Eliminate the need for dual supplies
Compatible with all forms of logic
Two internally compensated op amps
Low power drain suitable for battery operation
Allows direct sensing near GND and VOUT also goes to
GND
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2. Green is for SOP-8L.
Note:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Pin Descriptions
Advantages
Pin Name
Pin#
Description
OUTPUT 1
1
Channel 1 Output
INVERTING
INPUT 1
2
Channel 1 Inverting Input
NON-INVERTING
INPUT 1
3
Channel 1 Non-inverting
Input
GND
4
Ground
NON-INVERTING
INPUT 2
5
Channel 2 Non-inverting
Input
INVERTING
INPUT 2
6
Channel 2 Inverting Input
OUTPUT 2
7
Channel 2 Output
V
+
8
Chip Supply Voltage
Ordering Information
Tube
13” Tape and Reel
Device
(Note 3)
Package
Code
Packaging Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP358S
S
SOP-8L
100
-U
2500/Tape & Reel
-13
AP358N
N
PDIP-8L
60
-U
NA
NA
Package
Packing
-13 : Taping
Lead-Free
S: SOP-8L
- U : Tube
N : PDIP-8L
L: Lead Free
G: Green (Note 2)
AP358 X X X


Similar Part No. - AP358S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP358SG-13 DIODES-AP358SG-13 Datasheet
228Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
DS31007 Rev. 6 - 2
AP358SL-13 DIODES-AP358SL-13 Datasheet
228Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
DS31007 Rev. 6 - 2
More results

Similar Description - AP358S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com