Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-I02-114A-01 Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-I02-114A-01
Description  Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-I02-114A-01 Datasheet(HTML) 1 Page - Texas Instruments

  RI-I02-114A-01 Datasheet HTML 1Page - Texas Instruments RI-I02-114A-01 Datasheet HTML 2Page - Texas Instruments RI-I02-114A-01 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RI-I02-114A-01,, RI-I02-114B-01
SCBS820 – DECEMBER 2005
Tag-it™ HF-I STANDARD TRANSPONDER INLAYS
LARGE RECTANGLE
• Product Authentication
• ISO/IEC 15693-2, -3; ISO/IEC 18000-3
Compliant
• Library
• Supply-Chain Management
• 13.56-MHz Operating Frequency
• Asset Management
• 256-Bit User Memory in 8-Bit × 32-Bit Blocks
• Ticketing/Stored Value
• Application Family Identifier (AFI)
• Fast Simultaneous Identification
(Anti-Collision)
Texas Instruments Tag-it™ HF-I standard transponder inlays consist of 13.56-MHz high-frequency (HF)
transponders that are compliant with the ISO/IEC 15693 and ISO/IEC 18000-3 global open standards. These
products offer a user-accessible memory of 256 bits, organized in eight blocks, and an optimized command set
available in five different antenna shapes, with frequency offset for integration into paper, PVC, or other
substrates.
SPECIFICATIONS(1)
PART NUMBER
RI-I02-114A-01
RI-I02-114B-01
Supported standard
ISO/IEC 15693-2, -3; ISO/IEC 18000-3
Recommended operating frequency
13.56 MHz
13.86 MHz
± 200 kHz
14.4 MHz
± 200 kHz
(includes frequency offset to
Passive resonance frequency (at 25
°C)
(includes frequency offset to
compensate further integration into
compensate PVC lamination)
paper)
Typical required activation field strength to read (at 25
°C)
94 dB
µA/m(2)
94 dB
µA/m(3)
Typical required activation field strength to write (at 25
°C)
97 dB
µA/m(2)
97 dB
µA/m(3)
Factory-programmed read-only number
64 bits
Memory (user programmable)
256 bits organized in 8-bit
× 32-bit blocks
Typical programming cycles (at 25
°C)
100,000
Data retention time (at 55
°C)
>10 years
Simultaneous identification of tags
Up to 50 tags per second (reader/antenna dependent)
Antenna size
45 mm
× 76 mm (~1.77 in × ~2.99 in)
Foil width
48 mm
± 0.5 mm (1.89 in ± 0.02 in)
Foil pitch
96 mm +0.1 mm/–0.4 mm (3.78 in)
Base material
Substrate: PET (polyethylenetherephtalate); Antenna: aluminum
Operating temperature
–25
°C to 70°C
Storage temperature (single inlay)
–40
°C to 85°C (warpage may occur at upper temperature range)
Storage temperature (on reel)
–40
°C to 40°C
(1)
For highest possible read-out coverage, operate readers at a modulation depth of 20% or higher.
(2)
After integration into paper
(3)
After PVC lamination
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Tag-it is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-I02-114A-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-114A-01 TI-RI-I02-114A-01 Datasheet
174Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-114A-01 TI-RI-I02-114A-01_11 Datasheet
174Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
More results

Similar Description - RI-I02-114A-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-114A-01 TI-RI-I02-114A-01_11 Datasheet
174Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-112A-03 TI-RI-I02-112A-03 Datasheet
56Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-114A-S1 TI-RI-I02-114A-S1_11 Datasheet
183Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-114A-S1 TI-RI-I02-114A-S1 Datasheet
53Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS LARGE RECTANGLE
RI-I03-114A-01 TI-RI-I03-114A-01 Datasheet
109Kb / 4P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-114A-01 TI-RI-I03-114A-01_11 Datasheet
153Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-114A-S1 TI-RI-I03-114A-S1 Datasheet
72Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-112A-03 TI-RI-I03-112A-03_10 Datasheet
75Kb / 5P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-114A-S1 TI-RI-I03-114A-S1_11 Datasheet
157Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I11-110A-01 TI-RI-I11-110A-01 Datasheet
112Kb / 4P
[Old version datasheet]   Tag-it??HF TRANSPONDER INLAYS SQUARE RECTANGLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com