Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-30YL-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP131-30YL-7
Description  300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP131-30YL-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP131-30YL-7 Datasheet HTML 1Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 2Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 3Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 4Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 5Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 6Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP131
300mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP131 Rev. 1
1 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Lead-free
Input Voltage Range is up 2.7 to 5.5V
Dropout Voltage 400mV at 300mA Output Current
Guaranteed 300mA Output Current
Internal Ron = 1.5Ω PMOS draws no Base Current
Low Quiescent Current 50µA
Output Voltage: 1.5V/1.8V/2.0V/2.5V/2.8V/3.0V/3.3V/
3.5V; Accuracy 2%
Active Low Shutdown Function (EN pin)
Fast Transient Response
Good Load Regulation
Current Limit and Thermal Shutdown Protection
Short Circuit Current Fold-Back
Lead-Free
and Green Package: SOT89-5L is
available in Lead-Free only. SOT25 is available in both
Lead-Free and Green (Note 1).
The AP131 is a 300mA, fixed output voltage, low dropout linear
regulator. The Device included pass element, error amplifier,
band-gap, current limit and thermal shutdown circuitry. The
device is ON when the EN pin is set to logic high level.
The characteristics of low dropout voltage and less quiescent
current make it good for some critical current applications, for
example, some battery powered devices. The typical quiescent
current is approximately 50µA from zero to maximum load. Due
to the internal flexible design, it results in extensively fixed output
voltage versions and makes it convenient to use for applications.
Built-in current-limit and thermal- shutdown functions prevent any
fault condition from IC damage. An external capacitor can be
connected to the BP pin and reduce the output noise.
Ordering Information
AP 131 - XX X X X
Output Voltage
Package
15 :1.5V
18 :1.8V
20 :2.0V
25 :2.5V
28 :2.8V
30 :3.0V
33 :3.3V
35 :3.5V
Packing
Y : SOT89-5L
W : SOT 25
Lead Free
L : Lead Free Package
G:Green (Note 2)
-7/-13 : Taping
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2. Green is only available for SOT 25.
7” Tape and Reel
13” Tape and Reel
Device
Package
Code
Packaging
(Note 3)
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AP131-XXY
Y
SOT89-5L
NA
NA
2500/Tape & Reel
-13
AP131-XXW
W
SOT25
3000/Tape & Reel
-7
NA
NA
Note:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description


Similar Part No. - AP131-30YL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP131-30Y ANACHIP-AP131-30Y Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AP131-30YL-7

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com