Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP78L12SL-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP78L12SL-13
Description  12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78L12SL-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP78L12SL-13 Datasheet HTML 1Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 2Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 3Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 4Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 5Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 6Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 7Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 8Page - Diodes Incorporated AP78L12SL-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP78L12
12.0V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
6 of 9
APRIL 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
AP78L12
C1*
0.33uF
Fixed Output regulator
INPUT
IN
OUT
OUTPUT
C2
0.1uF
GND
★:
Required if the regulator is located more than 3" from the power supply filter.
Function Description
Introduction
The AP78L12 fixed-mode 12V output voltage regulator is a three terminal device. The AP78L12 fixed voltage regulator series has built-in
thermal overload protection which prevents the device from being damaged due to excessive junction temperature. The regulators also
contain internal short-circuit protection which limits the maximum output current, and safe-area protection for the pass transistor which
reduces the short-circuit current as the voltage across the pass transistor is increased.


Similar Part No. - AP78L12SL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78L12 DIODES-AP78L12 Datasheet
284Kb / 15P
   AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
AP78L12 DIODES-AP78L12 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
More results

Similar Description - AP78L12SL-13

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
78L12 KIA-78L12 Datasheet
53Kb / 3P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS 12V
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com