Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP139-20WL-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP139-20WL-7
Description  300mA LOW-NOISE CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP139-20WL-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP139-20WL-7 Datasheet HTML 1Page - Diodes Incorporated AP139-20WL-7 Datasheet HTML 2Page - Diodes Incorporated AP139-20WL-7 Datasheet HTML 3Page - Diodes Incorporated AP139-20WL-7 Datasheet HTML 4Page - Diodes Incorporated AP139-20WL-7 Datasheet HTML 5Page - Diodes Incorporated AP139-20WL-7 Datasheet HTML 6Page - Diodes Incorporated AP139-20WL-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP139
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
2 of 7
MARCH 2007
www.diodes.com
© Diodes Incorporated
1
3
2
5
4
BY P
V IN
EN
GN D
V OUT
AP 1 3 9
SO T 2 5
( T op V iew )
Pin
Name
Pin
No.
Function
VIN
1
Power Supply
GND
2
Ground
EN
3
Enable Pin
BYP
4
Bypass Signal Pin
VOUT
5
Output
Block Diagram
Current
Limit
Thermal
Shutdown
AMP
+
-
Vref
BYP
EN
1uA
V
OUT
GND
V
IN
R1
R2
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
+6
V
IOUT
Output Current
PD/ (VIN-VO)
mA
VOUT
Output Voltage
GND - 0.3 to VIN+ 0.3
V
ESD Classification
B
Top
Operating Junction Temperature Range
-40 to +125
ºC
TMJ
Maximum Junction Temperature
150
ºC
PD
Internal Power Dissipation
250
mW
Pin Assignments
Pin Descriptions


Similar Part No. - AP139-20WL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP139-20W ANACHIP-AP139-20W Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
AP139-20WA ANACHIP-AP139-20WA Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
More results

Similar Description - AP139-20WL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com