Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-25YL-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP131-25YL-7
Description  300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP131-25YL-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP131-25YL-7 Datasheet HTML 1Page - Diodes Incorporated AP131-25YL-7 Datasheet HTML 2Page - Diodes Incorporated AP131-25YL-7 Datasheet HTML 3Page - Diodes Incorporated AP131-25YL-7 Datasheet HTML 4Page - Diodes Incorporated AP131-25YL-7 Datasheet HTML 5Page - Diodes Incorporated AP131-25YL-7 Datasheet HTML 6Page - Diodes Incorporated AP131-25YL-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP131
300mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP131 Rev. 1
3 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Input Voltage
+6
V
TOP
Operating Junction Temperature Range
-40 to +125
ºC
TST
Storage Temperature Range
-65 to +150
ºC
Power Dissipation, PD @ TA = 25ºC
SOT89-5L
500
mW
PD
SOT25
250
mW
Package Thermal Resistance
SOT89-5L
+100
ºC/W
ΘJA
SOT25
+250
ºC/W
Electrical Characteristics
TA = 25ºC, CIN = 1µF, COUT = 10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDROP
Dropout Voltage (Note 4)
IL = 300mA
-
400
500
mV
ILIMIT
Current Limit (Note 5)
VIN = 5V, VOUT = 0V
350
450
-
mA
Ishort
Short Circuit Current
VOUT < 1.05V
-
150
300
mA
∆VLINE
Line Regulation
IOUT=1mA, VIN =( VOUT +1V )
to 5.5V
-
0.1
0.3
%/V
∆VLOAD
Load Regulation (Note 6)
IL = 1~300mA, VIN = 5V
-
30
35
mV
Output Voltage Accuracy
IL = 1mA, VIN = 5V
-2
-
+2
%
∆VOUT
Output Voltage Temperature
Coefficient (Note7)
-
50
150
PPM/
ºC
PSRR
Ripple Rejection
F = 100Hz,
CIN = 1µF, CO = 10uF,
IL = 100mA
-
60
-
dB
ISB
Standby Current
IL = 0mA, VIN = 5V, EN = 0V
-
-
5
µA
IQ
Quiescent Current
IL = 0mA, VIN = 5V, EN = 5V
-
50
100
µA
IEN
Enable Pin Current
-
-
< 0.1
µA
VENON
Output ON
1.5
-
VIN
V
VENOFF
Enable Pin Voltage
Output OFF
0
-
0.8
V
TDELAY
Enable Delay Time
CBP = 0.1µF, COUT = 1µF,
IOUT = 30mA
-
8
-
µS
Note: 4. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by using pulsed ON
time, and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
5. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
6. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
7. Guaranteed by design.


Similar Part No. - AP131-25YL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP131-25Y ANACHIP-AP131-25Y Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AP131-25YL-7

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com